| 전자부품 데이터시트 검색엔진 |
|
ATP22 데이터시트(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
ATP22 데이터시트(HTML) 3 Page - C&K Components |
|
3 / 3 page ![]() ATP22 Series Anti-Vandal Sealed Pushbutton Switch CIRCUIT SPDT SPDT - SINGLE COLOR LED SPDT - DUAL COLOR LED 1 2 3 3 2 1 R 3 2 1 R 6 5 4 1 2 3 3 2 1 6 5 4 R 3 2 1 6 5 4 R DPDT DPDT - SINGLE COLOR LED DPDT - DUAL COLOR LED 1 2 3 3 2 1 R 3 2 1 R 6 5 4 1 2 3 3 2 1 6 5 4 R 3 2 1 6 5 4 R TERMINATION 03 SOLDERLUG e b u t k n ir h s t a e H e b u t k n ir h s t a e H ) - D E L ( k c a l B , e ri W ) + D E L ( d e R , e ri W )l a n i m r e T ( n e e r G , e ri W )l a n i m r e T ( e l p r u P , e ri W )l a n i m r e T ( w o ll e Y , e ri W 7 7 . 1 ) 5 4 ( m m 0 5 1 - L L d e n n it d n a e ri W .11 (2.75) .51 (13) .02 (0.5) .11 (2.8) .20 (5) .20 (5) W1 OR W2 WIRE LEAD e b u t k n ir h s t a e H e b u t k n ir h s t a e H ) - D E L ( k c a l B , e ri W ) + D E L ( d e R , e ri W )l a n i m r e T ( n e e r G , e ri W )l a n i m r e T ( e l p r u P , e ri W )l a n i m r e T ( w o ll e Y , e ri W 7 7 . 1 ) 5 4 ( m m 0 5 1 - L L d e n n it d n a e ri W .11 (2.75) .51 (13) .02 (0.5) .11 (2.8) .20 (5) .20 (5) HARDWARE M22x1.0 .98 (25) .12 (3) .05 (1.2) ø.74 (ø18.8) A-142 Dimensions are shown: mm (inches) Specifications and dimensions subject to change www.ckswitches.com A 5 May 21 O RING Order PN: ATP22-OR HEX NUT Order PN: ATP22-HN |