전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSC10 데이터시트(PDF) 12 Page - C&K Components

부품명 KSC10
상세설명  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC10 데이터시트(HTML) 12 Page - C&K Components

Back Button KSC10 Datasheet HTML 8Page - C&K Components KSC10 Datasheet HTML 9Page - C&K Components KSC10 Datasheet HTML 10Page - C&K Components KSC10 Datasheet HTML 11Page - C&K Components KSC10 Datasheet HTML 12Page - C&K Components KSC10 Datasheet HTML 13Page - C&K Components KSC10 Datasheet HTML 14Page - C&K Components KSC10 Datasheet HTML 15Page - C&K Components KSC10 Datasheet HTML 16Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
B
B–86
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
KSC OF Series
Overload Friendly Tact Switch
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• Extended cage for mechanical stop
• Silicone actuator
• J termination
• Tape & reel
• IP67
- Life time is 300,000 cycles at 20N actuation force
- The extended cage can be used as mechanical stop for the activation
button
- Overload value reaches 200N (one time)
Packaging
In reels of 1,000 pieces
Dimensions of reels according to EIA RS481 or IEC 2863
External diameter 330 ± 2 mm
Typical Applications
• Industrial electronics
• Consumer
• Medical equipment
• Automotive interior
LFS Lead free compatible, silver plated
Force
2 1.65 N
4 4.0 N
K
S
C
Contact Material
1 Silver
Actuator / Tactile
70SH Silicon 70SH
L
F
S
70SH
Type
Force
(N)
Life
Travel
(mm)
KSC421J 70SH LFS OF 1.65+/-0.45
300,000
0.5+/-0.25
KSC441J 70SH LFS OF
4.0+/-1.0
300,000
0.65+0.3/-0.2
6,2+0,3
0
0,1
4,725 0,1
2,5 0,1
3,3 mini
6,8+0,3
-0,1
*
Termination
J J bend
O
F
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com