전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUH515FP 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 BUH515FP
상세설명  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUH515FP 데이터시트(HTML) 6 Page - STMicroelectronics

  BUH515FP Datasheet HTML 1Page - STMicroelectronics BUH515FP Datasheet HTML 2Page - STMicroelectronics BUH515FP Datasheet HTML 3Page - STMicroelectronics BUH515FP Datasheet HTML 4Page - STMicroelectronics BUH515FP Datasheet HTML 5Page - STMicroelectronics BUH515FP Datasheet HTML 6Page - STMicroelectronics BUH515FP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.7
0.017
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.204
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.385
0.417
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
Ø
3
3.2
0.118
0.126
L2
L6
¯
L3
12 3
L7
L4
TO-220FP MECHANICAL DATA
BUH515FP
6/7



Html Pages

1 2 3 4 5 6 7