전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EM4100A5WT27 데이터시트(PDF) 7 Page - EM Microelectronic - MARIN SA

부품명 EM4100A5WT27
상세설명  Read Only Contactless Identification Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMMICRO [EM Microelectronic - MARIN SA]
홈페이지  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4100A5WT27 데이터시트(HTML) 7 Page - EM Microelectronic - MARIN SA

  EM4100A5WT27 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4100A5WT27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
R
EM4100
CHIP Dimensions
EM4100
All dimensions in
µm
Y
X
1016
1041
142
378
14
716
747
517
499
Vss, Vdd pad size : 76 X 76
C1, C2 pad size : 95 X 95
Fig. 13
F
F
g
C2
C1
MARKING
AREA
D
A
B
e
J
K
FRONT VIEW
TOP VIEW
R
Y
X
Z
SYMBOL
MIN
TYP
MAX
X8.0
Y4.0
Z1.0
Dimensions are in mm
Dimensions are in mm
CID Package
PCB Package
C2
C1
SYMBOL
MIN
TYP
MAX
A8.2
8.5
8.8
B3.8
4.0
4.2
D5.8
6.0
6.2
e
0.38
0.5
0.62
F
1.25
1.3
1.35
g0.3
0.4
0.5
J
0.42
0.44
0.46
K
0.115
0.127
0.139
R0.4
0.5
0.6
Fig. 14
Fig. 15
Copyright © 2004, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com



Html Pages

1 2 3 4 5 6 7 8 9