전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMCP9801A5-M/SNG 데이터시트(PDF) 21 Page - Microchip Technology

부품명 AMCP9801A5-M/SNG
상세설명  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AMCP9801A5-M/SNG 데이터시트(HTML) 21 Page - Microchip Technology

Back Button AMCP9801A5-M/SNG Datasheet HTML 17Page - Microchip Technology AMCP9801A5-M/SNG Datasheet HTML 18Page - Microchip Technology AMCP9801A5-M/SNG Datasheet HTML 19Page - Microchip Technology AMCP9801A5-M/SNG Datasheet HTML 20Page - Microchip Technology AMCP9801A5-M/SNG Datasheet HTML 21Page - Microchip Technology AMCP9801A5-M/SNG Datasheet HTML 22Page - Microchip Technology AMCP9801A5-M/SNG Datasheet HTML 23Page - Microchip Technology AMCP9801A5-M/SNG Datasheet HTML 24Page - Microchip Technology AMCP9801A5-M/SNG Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 21
MCP9800/1/2/3
FIGURE 5-5:
Timing Diagram for Writing and Reading from the Temperature Hysteresis Register
(See Section 5.3.3 “Temperature Hysteresis Register (THYST)”).
SDA
A
C
K
10
0
1
A
00
0
0
A
C
K
S
2
A
1
A
0
123
4
5
6
7
8
1
2
345
6
7
8
SCL
0
Address Byte
A
C
K
1
001
A
MSB Data
A
C
K
N
A
K
S
P
2
A
1
A
0
123
45
6
7
8
1
2
345
6
7
8
12
3
4
567
8
Address Byte
LSB Data
R
PIC18FXXX
PIC18FXXX
PIC18FXXX
Master
Master
W
SDA
SCL
01
0
01
0
1
1
11
1
0
0
0
0
0
00
0
• Reading the THYST Register.
• Writing to the THYST Register to set the temperature hysteresis to 95°C <0101 1111 0000 0000>b.
SDA
A
C
K
10
0
1
A
00
00
A
C
K
S
2
A
1
A
0
12
3
4
5
6
7
8
12
34
5
6
7
8
SCL
0
Address Byte
W
PIC18FXXX
PIC18FXXX
MSB Data
A
C
K
A
C
K
P
12
34
5
6
7
8
12
3
4
567
8
LSB Data
THYST Pointer
PIC18FXXX
PIC18FXX
01
0
01
0
1
1
11
1
0
0
0
0
0
00
0
Note:
It is not necessary to
select
the
Register
Pointer if it was set
from the previous read/
write
(see Section 4.1.1).
THYST Pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com