전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GP7NC60HD 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 GP7NC60HD
상세설명  N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP7NC60HD 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button GP7NC60HD Datasheet HTML 6Page - STMicroelectronics GP7NC60HD Datasheet HTML 7Page - STMicroelectronics GP7NC60HD Datasheet HTML 8Page - STMicroelectronics GP7NC60HD Datasheet HTML 9Page - STMicroelectronics GP7NC60HD Datasheet HTML 10Page - STMicroelectronics GP7NC60HD Datasheet HTML 11Page - STMicroelectronics GP7NC60HD Datasheet HTML 12Page - STMicroelectronics GP7NC60HD Datasheet HTML 13Page - STMicroelectronics GP7NC60HD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Test circuits
STGB7NC60HD, STGF7NC60HD, STGP7NC60HD
10/22
Doc ID 10042 Rev 10
3
Test circuits
Figure 19.
Test circuit for inductive load
switching
Figure 20.
Gate charge test circuit
Figure 21.
Switching waveform
Figure 22.
Diode recovery time waveform
AM01505v1
AM01506v1
90%
10%
90%
10%
VG
VCE
IC
Td(on)
Ton
Tr(Ion)
Td(off)
Toff
Tf
Tr(Voff)
Tcross
90%
10%
AM01507v1
IRRM
IF
di/dt
trr
ta
tb
Qrr
IRRM
t
VF
dv/dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com