전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MDMB 데이터시트(PDF) 5 Page - C&K Components

부품명 MDMB
상세설명  Microminiature connectors with removable crimp contacts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MDMB 데이터시트(HTML) 5 Page - C&K Components

  MDMB Datasheet HTML 1Page - C&K Components MDMB Datasheet HTML 2Page - C&K Components MDMB Datasheet HTML 3Page - C&K Components MDMB Datasheet HTML 4Page - C&K Components MDMB Datasheet HTML 5Page - C&K Components MDMB Datasheet HTML 6Page - C&K Components MDMB Datasheet HTML 7Page - C&K Components MDMB Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Dimensions shown in: mm
Specifications and dimensions subject to change
www.ckswitches.com
PROCESS – CONTACT AND CABLE INSERTION
Cable Crimping
1 – Insert wire into contact body.
2 – Insert the unit into the crimping tool (selector position 2) with dedicated locator.
Crimping tool - Position #2:
M22520/2-01 (P/N: C995-0001-584)
Contact Insertion
Insert contact with wire into rear insulator cavity until positive stop.
To avoid stress onto retention clip, insert contact in the axis (no
insertion angle).
To be sure contact is locked securely, pull back lightly on wire or use
calibrated test retention tool.
MDMA-Retention tool (P/N: C115373-0003).
PROCESS – CONTACT AND CABLE EXTRACTION
1 – Select contact extraction tool:
- Connector size 9 to 37 ->MDMA-Extract tool-01 (P/N: C115373-0006)
- Connector size 51
->MDMA-Extract tool-02 (P/N: C115373-0007)
2 – Insert tool tip into contact cavity until tip bottoms against contact
shoulder, releasing tine.
Hold wire against tool with finger and remove tool and contact.
Be careful to put extraction tool in the good position!
Each contact cavity has flat area to place tool tip.
Insertion area for Extraction tool
Connector size 9 to 37
Insertion area for Extraction tool
Connector size 51
Locator for Male Contact:
MDMA-Locator-P-01 (P/N: C115373-0001)
Locator for Female Contact:
MDMA-Locator-S-01 (P/N: C115373-0002)



Html Pages

1 2 3 4 5 6 7 8