전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8538SDG62V02AS 데이터시트(PDF) 1 Page - Schneider Electric

부품명 8538SDG62V02AS
상세설명  NEMA Fusible Disconnect Switch Combination Starters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8538SDG62V02AS 데이터시트(HTML) 1 Page - Schneider Electric

  8538SDG62V02AS Datasheet HTML 1Page - Schneider Electric 8538SDG62V02AS Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
COMBINATION STARTER
8538SDG62V02AS
Product availability : Non-Stock - Not normally stocked in
distribution facility
Main
Product
Combination Starter
Type
S
Control Circuit Type
Separate control circuit
Complementary
Control Circuit Voltage
110 V AC 50 Hz
120 V AC 60 Hz
Starter Type
Non reversing
Number of Poles
2P
Horsepower Rating
3 hp 120 V AC, 1 phase
Maximum Voltage Rating
600 V AC
Control Units
Push-button START)
Push-button STOP)
Pilot Light
No indicator
Auxiliary Contacts
Without
Thermal overload type
Melting alloy 1
Disconnect Type
Fusible disconnect switch H, 60 A
NEMA size
2
Environment
Enclosure Type
NEMA 1 painted sheet steel with external reset
Ordering and shipping details
Category
21212 - 8538,39SB(NOT S*R,S*T,S*W)
Discount Schedule
CP1
Returnability
No
Country of origin
MX
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
 
Mar 9, 2023
1


유사한 부품 번호 - 8538SDG62V02AS

제조업체부품명데이터시트상세설명
logo
Schneider Electric
8538SDG62V02 SCHNEIDER-8538SDG62V02 Datasheet
103Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Mar 9, 2023
8538SDG62V02S SCHNEIDER-8538SDG62V02S Datasheet
104Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Mar 9, 2023
More results

유사한 설명 - 8538SDG62V02AS

제조업체부품명데이터시트상세설명
logo
Schneider Electric
8538SBA65V02 SCHNEIDER-8538SBA65V02 Datasheet
102Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG11V01S SCHNEIDER-8538SBG11V01S Datasheet
97Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG11V81CFF4P1P2T SCHNEIDER-8538SBG11V81CFF4P1P2T Datasheet
106Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG11V81CFF4P1P2TX22 SCHNEIDER-8538SBG11V81CFF4P1P2TX22 Datasheet
106Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG11V81CFF4P1T SCHNEIDER-8538SBG11V81CFF4P1T Datasheet
109Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG11V84ACFF4T SCHNEIDER-8538SBG11V84ACFF4T Datasheet
66Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG12V01CS SCHNEIDER-8538SBG12V01CS Datasheet
108Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG12V03C SCHNEIDER-8538SBG12V03C Datasheet
108Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG12V84AFF4T SCHNEIDER-8538SBG12V84AFF4T Datasheet
108Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG13V81C6FF4T SCHNEIDER-8538SBG13V81C6FF4T Datasheet
66Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 15, 2023
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com