전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SQJ992EP 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SQJ992EP
상세설명  Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ992EP 데이터시트(HTML) 2 Page - Vishay Siliconix

  SQJ992EP Datasheet HTML 1Page - Vishay Siliconix SQJ992EP Datasheet HTML 2Page - Vishay Siliconix SQJ992EP Datasheet HTML 3Page - Vishay Siliconix SQJ992EP Datasheet HTML 4Page - Vishay Siliconix SQJ992EP Datasheet HTML 5Page - Vishay Siliconix SQJ992EP Datasheet HTML 6Page - Vishay Siliconix SQJ992EP Datasheet HTML 7Page - Vishay Siliconix SQJ992EP Datasheet HTML 8Page - Vishay Siliconix SQJ992EP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQJ992EP
www.vishay.com
Vishay Siliconix
S22-0224-Rev. D, 07-Mar-2022
2
Document Number: 63267
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing
c. Independent of operating temperature
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
60
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.5
2.0
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 60 V
-
-
1
μA
VGS = 0 V
VDS = 60 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 60 V, TJ = 175 °C
-
-
150
On-State Drain Current a
ID(on)
VGS = 10 V
VDS
≥ 5 V
20
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V
ID = 3.7 A
-
0.0470
0.0562
Ω
VGS = 10 V
ID = 3.7 A, TJ = 125 °C
-
-
0.0989
VGS = 10 V
ID = 3.7 A, TJ = 175 °C
-
-
0.1254
VGS = 4.5 V
ID = 3.3 A
-
0.0620
0.0745
Forward Transconductance b
gfs
VDS = 15 V, ID = 5 A
-
11
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = 30 V, f = 1 MHz
-
357
446
pF
Output Capacitance
Coss
-66
83
Reverse Transfer Capacitance
Crss
-26
33
Total Gate Charge c
Qg
VGS = 10 V
VDS = 30 V, ID = 4.5 A
-8.1
12
nC
Gate-Source Charge c
Qgs
-1.3
-
Gate-Drain Charge c
Qgd
-1.7
-
Gate Resistance
Rg
f = 1 MHz
1.1
-
7
Ω
Turn-On Delay Time c
td(on)
VDD = 30 V, RL = 30
Ω
ID
≅ 1 A, VGEN = 10 V, Rg = 1 Ω
-6
9
ns
Rise Time c
tr
-6
9
Turn-Off Delay Time c
td(off)
-12
18
Fall Time c
tf
-7
11
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
60
A
Forward Voltage
VSD
IF = 2.4 A, VGS = 0 V
-
0.8
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com