전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC-BCR006F 데이터시트(PDF) 1 Page - Bel Fuse Inc.

부품명 PC-BCR006F
상세설명  Power supply cords IEC 320 C13 to IEC 320 C20
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BEL [Bel Fuse Inc.]
홈페이지  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PC-BCR006F 데이터시트(HTML) 1 Page - Bel Fuse Inc.

  PC-BCR006F Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - PC-BCR006F

제조업체부품명데이터시트상세설명
logo
Amphenol LTW
PC-000505-0MF-CSB01 LTW-PC-000505-0MF-CSB01 Datasheet
27Mb / 48P
NMEA 2000 Marine Network Solutions
logo
BLOCK Transformatoren-E...
PC-0124-050-0 BLOCK-PC-0124-050-0 Datasheet
205Kb / 5P
Primary switched mode power supply, PC 1AC
PC-0148-050-0 BLOCK-PC-0148-050-0 Datasheet
392Kb / 2P
Single phase, primary switched mode power supply
logo
Multicomp Pro
PC-01C MULTICOMP-PC-01C Datasheet
178Kb / 1P
Modular PCB Rack
09/06/22 V1.0
PC-01C MULTICOMP-PC-01C Datasheet
178Kb / 1P
Modular PCB Rack
09/06/22 V1.0
More results

유사한 설명 - PC-BCR006F

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
P00518N TRIPPLITE-P00518N Datasheet
486Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 18-in
P005006 TRIPPLITE-P005006 Datasheet
485Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P032007 TRIPPLITE-P032007 Datasheet
484Kb / 2P
Heavy-Duty Power Cord for PDU, 15A, 12AWG (IEC-320- C13 to IEC-320-C20), 7-ft
P036002 TRIPPLITE-P036002 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 2-ft
P036006 TRIPPLITE-P036006 Datasheet
485Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20), 6-ft
P036010 TRIPPLITE-P036010 Datasheet
477Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20) 10-ft
P0040025 TRIPPLITE-P0040025 Datasheet
467Kb / 2P
Standard Computer Power Extension Cords, 10A 18AWG (IEC-320-C14 to IEC-320-C13), 2-ft. - 5-Pack
P0040062C13 TRIPPLITE-P0040062C13 Datasheet
479Kb / 2P
Y Splitter Computer Power Extension Cord, 10A,18AWG (IEC-320-C14 to 2x IEC-320-C13)
P0320022C13 TRIPPLITE-P0320022C13 Datasheet
472Kb / 2P
Heavy-Duty Power Splitter Y Cable, 15A, 14AWG (IEC-320-C20 to 2x IEC-320-C13), 2-ft
P032-002-2C13 TRIPPLITE-P032-002-2C13 Datasheet
161Kb / 2P
C20 to C13 Splitter, Heavy Duty, IEC 320 C20 to 2x IEC 320 C13 - 15A, 100-250V, 14 AWG, 2 ft., Black
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com