전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGP10NC60KD 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 STGP10NC60KD
상세설명  10 A, 600 V short-circuit rugged IGBT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NC60KD 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button STGP10NC60KD Datasheet HTML 22Page - STMicroelectronics STGP10NC60KD Datasheet HTML 23Page - STMicroelectronics STGP10NC60KD Datasheet HTML 24Page - STMicroelectronics STGP10NC60KD Datasheet HTML 25Page - STMicroelectronics STGP10NC60KD Datasheet HTML 26Page - STMicroelectronics STGP10NC60KD Datasheet HTML 27Page - STMicroelectronics STGP10NC60KD Datasheet HTML 28Page - STMicroelectronics STGP10NC60KD Datasheet HTML 29Page - STMicroelectronics STGP10NC60KD Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
STGB10NC60KDT4, STGD10NC60KDT4,
STGF10NC60KD, STGP10NC60KD
Revision history
DocID11423 Rev 7
29/30
5
Revision history
Table 17: Document revision history
Date
Revision
Changes
14-Jun-2005
1
First release.
19-Jul-2005
2
Complete version.
27-Jan-2006
3
Inserted ecopack indication.
01-Mar-2006
4
The document has been reformatted.
08-Feb-2007
5
Modified value on Table 6.: Switching on/off (inductive load).
24-Nov-2009
6
Inserted DPAK package option.
06-Jun-2017
7
Modified part numbers on cover page.
Updated Section 4: "Package information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com