| 전자부품 데이터시트 검색엔진 |
|
SQJ262EP 데이터시트(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
SQJ262EP 데이터시트(HTML) 2 Page - Vishay Siliconix |
|
2 / 12 page ![]() SQJ262EP www.vishay.com Vishay Siliconix S17-0665-Rev. A, 15-May-17 2 Document Number: 75504 For technical questions, contact: automostechsupport@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 SPECIFICATIONS (TC = 25 °C, unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Static Drain-source breakdown voltage VDS VGS = 0 V, ID = 250 μA N-Ch 1 60 - - V VGS = 0 V, ID = 250 μA N-Ch 2 60 - - Gate-source threshold voltage VGS(th) VDS = VGS, ID = 250 μA N-Ch 1 1.5 2.0 2.5 VDS = VGS, ID = 250 μA N-Ch 2 1.5 2.0 2.5 Gate-source leakage IGSS VDS = 0 V, VGS = ± 20 V N-Ch 1 - - ± 100 nA N-Ch 2 - - ± 100 Zero gate voltage drain current IDSS VGS = 0 V VDS = 60 V N-Ch 1 - - 1 μA VGS = 0 V VDS = 60 V N-Ch 2 - - 1 VGS = 0 V VDS = 60 V, TJ = 125 °C N-Ch 1 - - 50 VGS = 0 V VDS = 60 V, TJ = 125 °C N-Ch 2 - - 50 VGS = 0 V VDS = 60 V, TJ = 175 °C N-Ch 1 - - 250 VGS = 0 V VDS = 60 V, TJ = 175 °C N-Ch 2 - - 250 On-state drain current a ID(on) VGS = 10 V VDS 5 V N-Ch 1 10 - - A VGS = 10 V VDS 5 V N-Ch 2 20 - - Drain-source on-state resistance a RDS(on) VGS = 10 V ID = 2 A N-Ch 1 - 0.0295 0.0355 VGS = 10 V ID = 5 A N-Ch 2 - 0.0126 0.0155 VGS = 10 V ID = 2 A, TJ = 125 °C N-Ch 1 - - 0.0563 VGS = 10 V ID = 5 A, TJ = 125 °C N-Ch 2 - - 0.0253 VGS = 10 V ID = 2 A, TJ = 175 °C N-Ch 1 - - 0.0700 VGS = 10 V ID = 5 A, TJ = 175 °C N-Ch 2 - - 0.0311 VGS = 4.5 V ID = 1 A N-Ch 1 - 0.0400 0.0480 VGS = 4.5 V ID = 3 A N-Ch 2 - 0.0165 0.0200 Dynamic b Input capacitance Ciss VGS = 0 V VDS = 25 V, f = 1 MHz N-Ch 1 - 410 550 pF VGS = 0 V VDS = 25 V, f = 1 MHz N-Ch 2 - 967 1260 Output capacitance Coss VGS = 0 V VDS = 25 V, f = 1 MHz N-Ch 1 - 212 280 VGS = 0 V VDS = 25 V, f = 1 MHz N-Ch 2 - 436 570 Reverse transfer capacitance Crss VGS = 0 V VDS = 25 V, f = 1 MHz N-Ch 1 - 15 20 VGS = 0 V VDS = 25 V, f = 1 MHz N-Ch 2 - 18 25 Total gate charge c Qg VGS = 10 V VDS = 30 V, ID = 1 A N-Ch 1 - 6.5 10 nC VGS = 10 V VDS = 30 V, ID = 2 A N-Ch 2 - 14.5 23 Gate-source charge c Qgs VGS = 10 V VDS = 30 V, ID = 1 A N-Ch 1 - 1.4 - VGS = 10 V VDS = 30 V, ID = 2 A N-Ch 2 - 2.7 - Gate-drain charge c Qgd VGS = 10 V VDS = 30 V, ID = 1 A N-Ch 1 - 0.9 - VGS = 10 V VDS = 30 V, ID = 2 A N-Ch 2 - 2.1 - Gate resistance Rg f = 1 MHz N-Ch 1 0.7 1.47 2.2 N-Ch 2 0.3 0.62 0.95 |