전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M5M29KB/T331AVP 데이터시트(PDF) 21 Page - Renesas Technology Corp

부품명 M5M29KB/T331AVP
상세설명  CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KB/T331AVP 데이터시트(HTML) 21 Page - Renesas Technology Corp

Back Button M5M29KB/T331AVP Datasheet HTML 17Page - Renesas Technology Corp M5M29KB/T331AVP Datasheet HTML 18Page - Renesas Technology Corp M5M29KB/T331AVP Datasheet HTML 19Page - Renesas Technology Corp M5M29KB/T331AVP Datasheet HTML 20Page - Renesas Technology Corp M5M29KB/T331AVP Datasheet HTML 21Page - Renesas Technology Corp M5M29KB/T331AVP Datasheet HTML 22Page - Renesas Technology Corp M5M29KB/T331AVP Datasheet HTML 23Page - Renesas Technology Corp M5M29KB/T331AVP Datasheet HTML 24Page - Renesas Technology Corp M5M29KB/T331AVP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
M5M29KB/T331AVP
Renesas LSIs
Rev.1.0_48a_bezz
21
33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
AC Waveforms for Page Program Operation (WE# Control)
AC Waveforms for Page Program Operation (CE# Control)
\
A20-A7
Bank Address Valid
VIH
VIL
Address Valid
Read Status Register Write Read Array Command
Bank Address Valid
CE#
VIH
VIL
OE#
VIH
VIL
WE#
VIH
VIL
VIH
VIL
High-Z
DATA
41H
DIN
DOUT
FFH
VIH
VIL
RP#
VIH
VIL
WP#
tPS
tBLS
tWC
tDAP
tBLH
The Other Bank
Address Valid
VIH
VIL
ADDRESS
00H
01H-7EH
7FH
Valid
DIN
DIN
SRD
tAS
tAH
tCS
tCH
tWP
tWPH
tDH
tDS
tOEH
ta(CE)
ta(OE)tGHWL
tOEH
tWHRL
ta(CE)
ta(OE)
Valid
BYTE#
VIH
VIL
tBS
tBH
VOH
VOL
RY/BY#
00H
01H-FEH
FFH
A6-A -1(Byte)
A6-A0 (Word)
VIH
VIL
CE#
VIH
VIL
OE#
VIH
VIL
WE#
VIH
VIL
VIH
VIL
High-Z
DATA
41H
DIN
DOUT
FFH
VIH
VIL
RP#
VIH
VIL
WP#
tPS
tBLS
tWC
tDAP
tBLH
VIH
VIL
DIN
DIN
SRD
tAS
tAH
tWS
tWH
tCEP
tCEPH
tDH
tDS
tOEH
ta(CE)
ta(OE)
tGHEL
tOEH
tEHRL
ta(CE)
ta(OE)
A20 - A7
Bank Address Valid
Address Valid
Read Status Register Write Read Array Command
The Other Bank
Address Valid
ADDRESS
Valid
BYTE#
VIH
VIL
tBS
tBH
VOH
VOL
RY/BY#
Bank Address Valid
00H
01H-7EH
7FH
Valid
00H
01H-FEH
FFH
A6-A -1(Byte)
A6-A0 (Word)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com