| 전자부품 데이터시트 검색엔진 |
|
L78L05ABUTR 데이터시트(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L05ABUTR 데이터시트(HTML) 22 Page - STMicroelectronics |
|
22 / 40 page ![]() 7.3 TO-92 Ammopak packing information Figure 19. TO-92 Ammopak tape and reel outline W W1 W0 W2 A1 d D0 H1 H H0 L l1 F1 F2 P2 P0 delta H T2 T1 T t F3 H3 0050910S_Rev_U Table 24. TO-92 Ammopak tape and reel mechanical data Dim. mm Min. Typ. Max. A1 4.80 T 3.80 T1 1.60 T2 2.30 d 0.45 0.47 0.48 P0 12.50 12.70 12.90 P2 5.65 6.35 7.05 F1, F2 2.40 2.50 2.94 F3 4.98 5.08 5.48 delta H -2.00 2.00 W 17.50 18.00 19.00 W0 5.5 6.00 6.5 W1 8.50 9.00 9.25 W2 0.50 H 18.50 21 H3 0.5 1 2 H0 15.50 16.00 18.8 H1 25.0 27.0 D0 3.80 4.00 4.20 L78L TO-92 Ammopak packing information DS0424 - Rev 28 page 22/40 |