전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7805A 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 L7805A
상세설명  Positive voltage regulator ICs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805A 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button L7805A Datasheet HTML 28Page - STMicroelectronics L7805A Datasheet HTML 29Page - STMicroelectronics L7805A Datasheet HTML 30Page - STMicroelectronics L7805A Datasheet HTML 31Page - STMicroelectronics L7805A Datasheet HTML 32Page - STMicroelectronics L7805A Datasheet HTML 33Page - STMicroelectronics L7805A Datasheet HTML 34Page - STMicroelectronics L7805A Datasheet HTML 35Page - STMicroelectronics L7805A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
L78
Package information
DS0422 - Rev 36
page 32/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55