전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7809A 데이터시트(PDF) 36 Page - STMicroelectronics

부품명 L7809A
상세설명  Positive voltage regulator ICs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809A 데이터시트(HTML) 36 Page - STMicroelectronics

Back Button L7809A Datasheet HTML 32Page - STMicroelectronics L7809A Datasheet HTML 33Page - STMicroelectronics L7809A Datasheet HTML 34Page - STMicroelectronics L7809A Datasheet HTML 35Page - STMicroelectronics L7809A Datasheet HTML 36Page - STMicroelectronics L7809A Datasheet HTML 37Page - STMicroelectronics L7809A Datasheet HTML 38Page - STMicroelectronics L7809A Datasheet HTML 39Page - STMicroelectronics L7809A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
Table 20. TO-220 (single gauge) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.48
0.70
D
15.25
15.75
E
10.00
10.40
e
2.40
2.70
e1
4.95
5.15
F
0.51
0.60
H1
6.20
6.60
J1
2.40
2.72
L
13.00
14.00
L1
3.50
3.93
L20
16.40
L30
28.90
∅P
3.75
3.85
Q
2.65
2.95
L78
TO-220 (single gauge) package information
DS0422 - Rev 36
page 36/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55