| 전자부품 데이터시트 검색엔진 |
|
STMAV340TTR 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMAV340TTR 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 21 page ![]() 6 Test Circuit and Diagrams STMAV340 16/21 A 50 Ω termination resistor is needed for the network analyzer. Off-isolation is measured at the output of the OFF channel. For example, when VSEL = VCC, VOE_N = 0 and 1A is the input, the output is measured at 1B. All unsued analog input ports are left open, and the output ports are connected to GND through the 50 Ω pulldown resistors. Figure 12. Off-Isolation Test Circuit |