전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C4002-12F1X 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 M27C4002-12F1X
상세설명  4 Mbit (256Kb x16) UV EPROM and OTP EPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4002-12F1X 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button M27C4002-12F1X Datasheet HTML 10Page - STMicroelectronics M27C4002-12F1X Datasheet HTML 11Page - STMicroelectronics M27C4002-12F1X Datasheet HTML 12Page - STMicroelectronics M27C4002-12F1X Datasheet HTML 13Page - STMicroelectronics M27C4002-12F1X Datasheet HTML 14Page - STMicroelectronics M27C4002-12F1X Datasheet HTML 15Page - STMicroelectronics M27C4002-12F1X Datasheet HTML 16Page - STMicroelectronics M27C4002-12F1X Datasheet HTML 17Page - STMicroelectronics M27C4002-12F1X Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15/18
M27C4002
Table 15. JLCC44W - 44 lead Leadless Ceramic Chip Carrier, square window,
Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
3.94
4.83
0.155
0.190
A1
2.29
3.05
0.090
0.120
B
0.43
0.53
0.017
0.021
B1
0.66
0.81
0.026
0.032
D
17.40
17.65
0.685
0.695
D1
16.00
16.89
0.630
0.665
D2
14.74
16.26
0.580
0.640
D3
12.70
0.500
E
17.40
17.65
0.685
0.695
E1
16.00
16.89
0.630
0.665
E2
14.74
16.26
0.580
0.640
E3
12.70
0.500
e
1.27
0.050
K
10.16
0.400
N44
44
CP
0.10
0.004
Figure 10. JLCC44W - 44 lead Leadless Ceramic Chip Carrier, square window, Package Outline
Drawing is not to scale.
JLCCW-a
D
E1 E
1 N
D1
CP
B
D2/E2
e
B1
A1
A
D3
E3
K
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com