전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP192G 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP192G
상세설명  Photocoupler Photorelay PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP192G 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP192G Datasheet HTML 1Page - Toshiba Semiconductor TLP192G Datasheet HTML 2Page - Toshiba Semiconductor TLP192G Datasheet HTML 3Page - Toshiba Semiconductor TLP192G Datasheet HTML 4Page - Toshiba Semiconductor TLP192G Datasheet HTML 5Page - Toshiba Semiconductor TLP192G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP192G
2002-04-19
3
Coupled Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
ION = 110 mA
¾
1
3
mA
Return LED current
IFC
IOFF = 100 mA
0.1
¾
¾
mA
ION = 110 mA, IF = 5 mA, t < 1 s
¾
25
35
A connection
ION = 110 mA, IF = 5 mA
35
50
B connection
ION = 110 mA, IF = 5 mA
28
40
On-state resistance
C connection
RON
ION = 220 mA, IF = 5 mA
¾
14
20
W
Switching Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0 V, f = 1 MHz
¾
0.8
¾
pF
Isolation resistance
RS
VS = 500 V, R.H. <= 60%
5
´ 10
10
10
14
¾
W
AC, 1 min
1500
¾
¾
AC, 1 s, in oil
¾
3000
¾
Vrms
Isolation voltage
BVS
DC, 1 min, in oil
¾
3000
¾
Vdc
Switching Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
¾
0.3
1
Turn-off time
tOFF
RL = 200 W
VDD = 20 V, IF = 5 mA
(Note 2)
¾
0.1
1
ms
Note 2: Switching time test circuit
6
tOFF
tON
10%
90%
VOUT
IF
1
VDD
VOUT
RL
4
2
IF



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com