| 전자부품 데이터시트 검색엔진 |
|
IXFP4N100Q 데이터시트(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXFP4N100Q 데이터시트(HTML) 2 Page - IXYS Corporation |
|
2 / 4 page ![]() 2 - 4 © 2000 IXYS All rights reserved Symbol Test Conditions Characteristic Values (T J = 25°C, unless otherwise specified) min. typ. max. g fs V DS = 20 V; I D = 0.5 • ID25, pulse test 1.5 2.5 S C iss 1050 pF C oss V GS = 0 V, V DS = 25 V, f = 1 MHz 120 pF C rss 30 pF t d(on) 17 ns t r V GS = 10 V, V DS = 0.5 • VDSS, ID = 0.5 • ID25 15 ns t d(off) R G = 4.7 W (External), 32 ns t f 18 ns Q g(on) 39 nC Q gs V GS = 10 V, V DS = 0.5 • VDSS, ID = 0.5 • ID25 9nC Q gd 22 nC R thJC 0.8 K/W R thCK (TO-220) 0.25 K/W Source-Drain Diode Characteristic Values (T J = 25°C, unless otherwise specified) Symbol Test Conditions min. typ. max. I S V GS = 0 V 4 A I SM Repetitive; pulse width limited by T JM 16 A V SD I F = IS, V GS = 0 V, 1.5 V Pulse test, t £ 300 ms, duty cycle d £ 2 % t rr 250 ns Q RM I F = IS, -di/dt = 100 A/ms, VR = 100 V 0.52 mC I RM 1.8 A TO-263 AA (IXFA) Outline Dim. Millimeter Inches Min. Max. Min. Max. A 4.06 4.83 .160 .190 A1 2.03 2.79 .080 .110 b 0.51 0.99 .020 .039 b2 1.14 1.40 .045 .055 c 0.46 0.74 .018 .029 c2 1.14 1.40 .045 .055 D 8.64 9.65 .340 .380 D1 7.11 8.13 .280 .320 E 9.65 10.29 .380 .405 E1 6.86 8.13 .270 .320 e 2.54 BSC .100 BSC L 14.61 15.88 .575 .625 L1 2.29 2.79 .090 .110 L2 1.02 1.40 .040 .055 L3 1.27 1.78 .050 .070 L4 0 0.38 0 .015 R 0.46 0.74 .018 .029 TO-220 AB (IXFP) Outline Dim. Millimeter Inches Min. Max. Min. Max. A 12.70 13.97 0.500 0.550 B 14.73 16.00 0.580 0.630 C 9.91 10.66 0.390 0.420 D 3.54 4.08 0.139 0.161 E 5.85 6.85 0.230 0.270 F 2.54 3.18 0.100 0.125 G 1.15 1.65 0.045 0.065 H 2.79 5.84 0.110 0.230 J 0.64 1.01 0.025 0.040 K 2.54 BSC 0.100 BSC M 4.32 4.82 0.170 0.190 N 1.14 1.39 0.045 0.055 Q 0.35 0.56 0.014 0.022 R 2.29 2.79 0.090 0.110 IXFA 4N100Q IXFP 4N100Q IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 |