전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPS22HH 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 LPS22HH
상세설명  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HH 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button LPS22HH Datasheet HTML 34Page - STMicroelectronics LPS22HH Datasheet HTML 35Page - STMicroelectronics LPS22HH Datasheet HTML 36Page - STMicroelectronics LPS22HH Datasheet HTML 37Page - STMicroelectronics LPS22HH Datasheet HTML 38Page - STMicroelectronics LPS22HH Datasheet HTML 39Page - STMicroelectronics LPS22HH Datasheet HTML 40Page - STMicroelectronics LPS22HH Datasheet HTML 41Page - STMicroelectronics LPS22HH Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
Register mapping
LPS22HH
38/59
DocID030890 Rev 2
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
To guarantee the proper behavior of the device, all register addresses not listed in the above
table must not be accessed and the content stored in those registers must not be changed.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
FIFO_DATA_OUT_TEMP_L
R
7B
Output
FIFO temperature output registers
FIFO_DATA_OUT_TEMP_H
R
7C
Output
Table 17. Registers address map (continued)
Name
Type
Register address
Default
Function and comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59