전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC40103 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74HC40103
상세설명  8-bit synchronous binary down counter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC40103 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74HC40103 Datasheet HTML 4Page - NXP Semiconductors 74HC40103 Datasheet HTML 5Page - NXP Semiconductors 74HC40103 Datasheet HTML 6Page - NXP Semiconductors 74HC40103 Datasheet HTML 7Page - NXP Semiconductors 74HC40103 Datasheet HTML 8Page - NXP Semiconductors 74HC40103 Datasheet HTML 9Page - NXP Semiconductors 74HC40103 Datasheet HTML 10Page - NXP Semiconductors 74HC40103 Datasheet HTML 11Page - NXP Semiconductors 74HC40103 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
1998 Jul 08
8
Philips Semiconductors
Product specification
8-bit synchronous binary down counter
74HC/HCT40103
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆I
CC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
CP, PE
1.50
MR
1.00
TE
0.80
PL
0.35
Pn
0.25
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max.
min.
max. min.
max.
tPHL/ tPLH
propagation delay
CP to TC
35
60
75
90
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
TE to TC
23
40
50
60
ns
4.5
Fig.8
tPHL/ tPLH
propagation delay
PL to TC
44
75
94
112
ns
4.5
Fig.9
tPHL
propagation delay
MR to TC
29
55
69
83
ns
4.5
Fig.9
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Figs. 7 and 8
tW
clock pulse width
HIGH or LOW
33
10
41
50
ns
4.5
Fig.7
tW
master reset pulse width
LOW
30
16
38
45
ns
4.5
Fig.9
tW
preset enable pulse width
PL; LOW
38
22
48
57
ns
4.5
Fig.9
trem
removal time
MR to CP or PL to CP
10
1
13
15
ns
4.5
Fig.10
tsu
set-up time
PE to CP
20
11
25
30
ns
4.5
Fig.11
tsu
set-up time
TE to CP
40
20
50
60
ns
4.5
Fig.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17