전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P0109AL 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 P0109AL
상세설명  Sensitive high immunity 0.25 A SCR Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109AL 데이터시트(HTML) 5 Page - STMicroelectronics

  P0109AL Datasheet HTML 1Page - STMicroelectronics P0109AL Datasheet HTML 2Page - STMicroelectronics P0109AL Datasheet HTML 3Page - STMicroelectronics P0109AL Datasheet HTML 4Page - STMicroelectronics P0109AL Datasheet HTML 5Page - STMicroelectronics P0109AL Datasheet HTML 6Page - STMicroelectronics P0109AL Datasheet HTML 7Page - STMicroelectronics P0109AL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
P0109AL
Package information
DocID030704 Rev 2
5/8
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Lead-free package
Halogen free molding resin
Epoxy meets UL94, V0
2.1
SOT23-3L package information
Figure 12: SOT23-3L package outline
This package drawing may slightly differ from the physical package. However, all the
specified dimensions in the following table are guaranteed.



Html Pages

1 2 3 4 5 6 7 8