전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4351 데이터시트(PDF) 14 Page - NXP Semiconductors

부품명 74HC4351
상세설명  8-channel analog multiplexer/demultiplexer with latch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4351 데이터시트(HTML) 14 Page - NXP Semiconductors

Back Button 74HC4351 Datasheet HTML 9Page - NXP Semiconductors 74HC4351 Datasheet HTML 10Page - NXP Semiconductors 74HC4351 Datasheet HTML 11Page - NXP Semiconductors 74HC4351 Datasheet HTML 12Page - NXP Semiconductors 74HC4351 Datasheet HTML 13Page - NXP Semiconductors 74HC4351 Datasheet HTML 14Page - NXP Semiconductors 74HC4351 Datasheet HTML 15Page - NXP Semiconductors 74HC4351 Datasheet HTML 16Page - NXP Semiconductors 74HC4351 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
December 1990
14
Philips Semiconductors
Product specification
8-channel analog multiplexer/demultiplexer
with latch
74HC/HCT4351
Fig.13 Typical frequency response.
Test conditions:
VCC = 4.5 V; GND = 0 V; VEE = −4.5 V;
RL =50 Ω; Rsource =1 kΩ.
Fig.14 Test circuit for measuring sine-wave
distortion and minimum frequency response.
Fig.15 Test circuit for measuring switch “OFF”
signal feed-through.
Fig.16 Test circuit for measuring crosstalk between control and any switch.
The crosstalk is defined as follows
(oscilloscope output):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17