전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STE2004DIE1 데이터시트(PDF) 41 Page - STMicroelectronics

부품명 STE2004DIE1
상세설명  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE1 데이터시트(HTML) 41 Page - STMicroelectronics

Back Button STE2004DIE1 Datasheet HTML 37Page - STMicroelectronics STE2004DIE1 Datasheet HTML 38Page - STMicroelectronics STE2004DIE1 Datasheet HTML 39Page - STMicroelectronics STE2004DIE1 Datasheet HTML 40Page - STMicroelectronics STE2004DIE1 Datasheet HTML 41Page - STMicroelectronics STE2004DIE1 Datasheet HTML 42Page - STMicroelectronics STE2004DIE1 Datasheet HTML 43Page - STMicroelectronics STE2004DIE1 Datasheet HTML 44Page - STMicroelectronics STE2004DIE1 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
41/66
STE2004
Table 11. Extended Instruction Set
Instruction
D/C
R/W
Description
B7
B6
B5
B4
B3
B2
B1
B0
H Independent Instructions
Read Command
0
0000
00000
Read I2C Address or Status Byte
(with 3-Lines Serial & 4-lines SPI only)
0
0001
MX
MY
PD
H[1]
H[0]
Page selector, Power Down
Management; Entry Mode
Status Byte
0
1
PD
BSY
0
DE
MX
MY
DO
ID Code
0
1
0
01
111
ID1
ID0
Write Data
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Writes data to RAM
H=[0;0] RAM Commands
Memory Blank
0
0000
00001
Starts Memory Blank Procedure
Scroll
0
0000
0001
DIR
Scrolls by one Row UP or DOWN
VLCD Range Setting
0
0000
001
PRS
[1]
PRS
[0]
VLDC programming range selection
Display Control
0
0000
01
D
0
E
Select Display Configuration
Set CP Factor
0
0000
10
S2
S1
S0
Charge Pump Multiplication factor
Set RAM Y
0
0010
0
Y3
Y2
Y1
Y0
Set Horizontal (Y) RAM Address
Set RAM X
0
0
1
X6X5X4X3
X2
X1
X0
Set Vertical (X) RAM Address
H=[0;1]
Checker Board
0
0000
00001
Starts Checker Board Procedure
0
0000
0001
V
Vertical Addressing Mode
TC Select
0
0000
001
TC1 TC0 Set Temperature Coefficient for VLDC
Data Order
0
0000
01
DO
00
MSB Position
Bias Ratios
0
0000
10
BS2 BS1 BS0
Set desired Bias Ratios
Read Mode,
0
0010
0
R
000
Set VOP
00
1
OP6
OP5
OP4
OP3
OP2
OP1
OP0
VOP register Write instruction
H=[1;0]
Driver Control
0
0000
00001
Software RESET
Display Control
0
0000
0001
PE
Partial Enable
0
0000
001
FR1 FR0
Frame rate Control
0
0000
01
0
M[1] M[0]
Mux Ratio
Partial Mode
0
0000
10
PDC
2
PDC
1
PDC
0
Partial Display Config
0
001
PD
Y5
PD
Y4
PD
Y3
PD
Y2
PD
Y1
PD
Y0
1st Sector Start Address
00
1
PD
Y6
PD
Y5
PD
Y4
PD
Y3
PD
Y2
PD
Y1
PD
Y0
2nd Sector Start Address
H=[1;1]
0
0000
00001
Scrolling Pointer Reset
0
0000
0001
X
Not Used
0
0000
001
X
X
Not Used
0
0000
01
T2
T1
T0
Set Temperature Coefficient for VLDC
0
0000
1
NW3NW2 NW1NW0
N-Line Inversion
0
0010
0
YC-3
YC-2
YC-1
YC-0
Y-CARRIAGE RETURN
00
1
XC-6
XC-5
XC-4
XC-3
XC-2
XC-1
XC-0
X CARRIAGE RETURN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66