전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP5NK60ZFP 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 STP5NK60ZFP
상세설명  N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NK60ZFP 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button STP5NK60ZFP Datasheet HTML 16Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 17Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 18Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 19Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 20Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 21Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 22Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 23Page - STMicroelectronics STP5NK60ZFP Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Revision history
Table 15. Document revision history
Date
Version
Changes
05-Apr-2005
1
First issue
29-Apr-2005
2
Modified value in Table 7.
06-Sep-2005
3
Inserted Ecopack indication
14-Oct-2005
4
Modified value on Table 1
28-Oct-2005
5
Tape & Reel info added
14-Nov-2005
6
Modified value on Table 6
15-Dec-2005
7
Various corrections
22-Aug-2018
8
Removed maturity status indication from cover page. The document status is production data.
Updated Section 4 Package information.
Minor text changes.
STD5NK60ZT4, STP5NK60Z, STP5NK60ZFP
DS2857 - Rev 8
page 22/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com