| 전자부품 데이터시트 검색엔진 |
|
L491350DIE2V 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L491350DIE2V 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 20 page ![]() 2 Pin configuration Figure 3. Pin configuration (top view for FLAT-16P, bottom view for SMD.5) TO-257 SMD.5 FLAT- 16P Table 1. Pin description Pin name FLAT-16P (1) SMD.5 (2) TO-257 VO 1, 2, 6, 7 1 3 VI 3, 4, 5 2 1 GND 13 3 2 ISC 8 OCM 10 INHIBIT 14 SENSE 16 NC 9, 11, 12, 15 1. The upper metallic package lid and the bottom metallization are neither connected to regulator die nor to package terminals, hence electrically floating. 2. The upper metallic package lid is neither connected to regulator die nor to package terminals, hence electrically floating. RHFL4913XX25, RHFL4913XX33, RHFL4913XX50 Pin configuration DS3260 - Rev 15 page 3/20 |