전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RHFL4913ESY252 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 RHFL4913ESY252
상세설명  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY252 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button RHFL4913ESY252 Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY252 Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY252 Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY252 Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY252 Datasheet HTML 9Page - STMicroelectronics RHFL4913ESY252 Datasheet HTML 10Page - STMicroelectronics RHFL4913ESY252 Datasheet HTML 11Page - STMicroelectronics RHFL4913ESY252 Datasheet HTML 12Page - STMicroelectronics RHFL4913ESY252 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
7
Notes about FLAT-16P package
The bottom of package is metallized to allow user to directly solder the voltage regulator to PCB, no heat sink
needed, in order to optimize heat removal performance.
This AlN ceramic package features a low thermal coefficient of expansion (TCE) significantly lower than the TCE
of some PCBs. TCE= 4.7 ppm/K; Thermal conductivity= 150 W/mK.
It is therefore recommended, especially when its bottom metallic dissipation plate is brazed (as opposed to
glued), to carefully design the PCB (material, thickness, layout…) and the mounting process to secure that the
package and the solder joint can sustain the worst case temperature cycling its must be qualified for ( the highest
constraints are at lowest temperature). It is strongly recommended to make sure that the actual mounting is well
covered by the qualified mounting process for each parameters (PCB material, thickness, layout, temperature
profile...).
7.1
Radiation performance
The RHFL4913F has been tested against: 300 krad TID ELDERS in accordance with Mil-1019.6, bipolar section:
post radiation parameters are within datasheet pre-rad limits.
Submitted to 200 MeV Iodine ions of 60.4 MeV/cm2/mg LET up to 1exp(+7) ions / cm2, no SEL event has been
detected.
7.2
Die information
The RHFL4913 fixed is also available in die form. Space dice are electrically tested by STMicroelectronics in such
a way that, when mounted in proper thermal and electrical substrate, they provide full compliance with equivalent
packaged product.
•
Max. die dimensions: 2.794 mm by 3.861 mm or 110 mils by 152 mils
•
Die thickness: 357 μm +/- 50 μm
•
Pad size: 184 μm by 184 μm
•
Metallization: Aluminum 4% silicon alloy
•
Die backside: Bare silicon
•
Die backside potential: Ground
Figure 5. Die size
Note:
Die SENSE pad is active in the RHFL4913 fixed die. It shall not be left unbonded. It should be bonded to VO pin.
Die adjust pad is available in the die layout but is not electrically connected to the IC. It shall be left unconnected
during hybrid bonding.
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Notes about FLAT-16P package
DS3260 - Rev 15
page 9/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com