전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA25C2002ILR 데이터시트(PDF) 3 Page - CTS Corporation

부품명 CA25C2002ILR
상세설명  4UTO3OTIVE GR4DE HC3OS CLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation

CA25C2002ILR 데이터시트(HTML) 3 Page - CTS Corporation

  CA25C2002ILR Datasheet HTML 1Page - CTS Corporation CA25C2002ILR Datasheet HTML 2Page - CTS Corporation CA25C2002ILR Datasheet HTML 3Page - CTS Corporation CA25C2002ILR Datasheet HTML 4Page - CTS Corporation CA25C2002ILR Datasheet HTML 5Page - CTS Corporation CA25C2002ILR Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
odel C 25C
UTO OTIVE GR DE HC OS CLOCK
DOC# 008-0571-0 Rev. C
Page 3 of 6
Electrical Specifications
Electrical Specifications
Electrical Specifications
Electrical Specifications
Enable Truth Table
Pin
Pin
Pin
Pin 1
1
1
1
Pin
Pin
Pin
Pin 3
3
3
3
Logic ‘1’
Output Enabled
Open
Output Enabled
Logic ‘0’
Output Disabled,
High Impedance
Test Circuit
HC OS
Output Waveform
HC OS
Output Parameters
P R
ETER
P R
ETER
P R
ETER
P R
ETER
SY
BO L
SY
BO L
SY
BO L
SY
BO L
CO NDITIO NS
CO NDITIO NS
CO NDITIO NS
CO NDITIO NS
IN
IN
IN
IN
TYP
TYP
TYP
TYP
X
X
X
X
UNIT
UNIT
UNIT
UNIT
En ab le Fu n c tio n
En ab le Fu n c tio n
En ab le Fu n c tio n
En ab le Fu n c tio n
Standby
En ab le In p u t Vo ltage
En ab le In p u t Vo ltage
En ab le In p u t Vo ltage
En ab le In p u t Vo ltage
VIH
Pin 1 Logic '1', Output Enabled
0.7VCC
-
-
V
Disab le In p u t Vo ltage
Disab le In p u t Vo ltage
Disab le In p u t Vo ltage
Disab le In p u t Vo ltage
VIL
Pin 1 Logic '0', Output Standby
-
-
0.3VCC
V
En ab le Cu rren t
En ab le Cu rren t
En ab le Cu rren t
En ab le Cu rren t
ISTB
Pin 1 Logic '0', Output Standby
-
-
10
µ
En ab le Time
En ab le Time
En ab le Time
En ab le Time
TPLZ
Pin 1 Logic '1'
-
-
5
ms
P h ase Jitter, R
S
P h ase Jitter, R
S
P h ase Jitter, R
S
P h ase Jitter, R
S
tjrms
Bandwidth 12 kHz - 20
Hz
-
0.5
<1
ps



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com