전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HC590 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 M74HC590
상세설명  8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC590 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button M74HC590 Datasheet HTML 2Page - STMicroelectronics M74HC590 Datasheet HTML 3Page - STMicroelectronics M74HC590 Datasheet HTML 4Page - STMicroelectronics M74HC590 Datasheet HTML 5Page - STMicroelectronics M74HC590 Datasheet HTML 6Page - STMicroelectronics M74HC590 Datasheet HTML 7Page - STMicroelectronics M74HC590 Datasheet HTML 8Page - STMicroelectronics M74HC590 Datasheet HTML 9Page - STMicroelectronics M74HC590 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
M74HC590
6/15
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VIL
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
VOH
High Level Output
Voltage (for RCO
Output)
2.0
IO=-20 µA
1.9
2.0
1.9
1.9
V
4.5
IO=-20 µA
4.4
4.5
4.4
4.4
6.0
IO=-20 µA
5.9
6.0
5.9
5.9
4.5
IO=-4.0 mA
4.18
4.31
4.13
4.10
6.0
IO=-5.2 mA
5.68
5.8
5.63
5.60
VOH
High Level Output
Voltage (for QA to
QH Outputs)
2.0
IO=-20 µA
1.9
2.0
1.9
1.9
V
4.5
IO=-20 µA
4.4
4.5
4.4
4.4
6.0
IO=-20 µA
5.9
6.0
5.9
5.9
4.5
IO=-6.0 mA
4.18
4.31
4.13
4.10
6.0
IO=-7.8 mA
5.68
5.8
5.63
5.60
VOL
Low Level Output
Voltage (for RCO
Output)
2.0
IO=20 µA
0.0
0.1
0.1
0.1
V
4.5
IO=20 µA
0.0
0.1
0.1
0.1
6.0
IO=20 µA
0.0
0.1
0.1
0.1
4.5
IO=4.0 mA
0.17
0.26
0.33
0.40
6.0
IO=5.2 mA
0.18
0.26
0.33
0.40
VOL
Low Level Output
Voltage (for QA to
QH Outputs)
2.0
IO=20 µA
0.0
0.1
0.1
0.1
V
4.5
IO=20 µA
0.0
0.1
0.1
0.1
6.0
IO=20 µA
0.0
0.1
0.1
0.1
4.5
IO=6.0 mA
0.17
0.26
0.33
0.40
6.0
IO=7.8 mA
0.18
0.26
0.33
0.40
II
Input Leakage
Current
6.0
VI = VCC or GND
± 0.1
± 1
± 1
µA
IOZ
High Impedance
Output Leakage
Current
6.0
VI = VIH or VIL
VO = VCC or GND
± 0.5
± 5
± 10
µA
ICC
Quiescent Supply
Current
6.0
VI = VCC or GND
440
80
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com