전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

POI 데이터시트(PDF) 1 Page - Raltron Electronics Corporation

부품명 POI
상세설명  CERAMIC RESONATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RALTRON [Raltron Electronics Corporation]
홈페이지  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

POI 데이터시트(HTML) 1 Page - Raltron Electronics Corporation

  POI Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
FIGURE 1
FIGURE 2
OUTLINE DRAWINGS
SPECIFICATIONS
CERAMIC RESONATORS
SERIES POI
PART NUMBERING SYSTEM
FEATURES
SMALL AND LIGHT
HIGH DURABILITY
EXCELLENT TEMPERATURE STABILITY
LOW COST
FREQUENCY RANGE
1.80-6.00 MHz
6.01-13.00 MHz
13.01-50.00 MHz
DIMENSIONS
FIGURE 1
FIGURE 2
EXTERNAL CAPACITANCE
C1
30 pF
C2
30 pF
FREQUENCY TOLERANCE AT 25 C
–0.5%
RESONANT RESISTANCE
30 OHMS
25 OHMS
30 OHMS
FREQUENCY STABILITY OVER
TEMPERATURE
–0.3%
OPERATING TEMPERATURE RANGE
-20 C TO +80 C
FREQUENCY AGING (10 YEARS)
–0.3%
STORAGE TEMPERATURE RANGE
-35 C TO +85 C
S
E
I
R
E
S-
Y
C
N
E
U
Q
E
R
F
I
O
Pz
H
M
N
I


유사한 부품 번호 - POI

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
POI-1501 ADVANTECH-POI-1501 Datasheet
354Kb / 2P
Residential Terminal
POI-1501-GPC1E ADVANTECH-POI-1501-GPC1E Datasheet
354Kb / 2P
Residential Terminal
logo
Level One
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
POI-2002 LVL1-POI-2002 Datasheet
634Kb / 3P
Minimize the need for a bulky power adapter and power line
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
More results

유사한 설명 - POI

제조업체부품명데이터시트상세설명
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
CERAMIC RESONATORS
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
CERAMIC RESONATORS
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
Ceramic Resonators
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
Ceramic Resonators
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
Ceramic Resonators
logo
Raltron Electronics Cor...
POE-A RALTRON-POE-A Datasheet
42Kb / 1P
CERAMIC RESONATORS
POC RALTRON-POC Datasheet
34Kb / 1P
CERAMIC RESONATORS
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com