전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

604D153F7R5JS2 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 604D153F7R5JS2
상세설명  Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

604D153F7R5JS2 데이터시트(HTML) 3 Page - Vishay Siliconix

  604D153F7R5JS2 Datasheet HTML 1Page - Vishay Siliconix 604D153F7R5JS2 Datasheet HTML 2Page - Vishay Siliconix 604D153F7R5JS2 Datasheet HTML 3Page - Vishay Siliconix 604D153F7R5JS2 Datasheet HTML 4Page - Vishay Siliconix 604D153F7R5JS2 Datasheet HTML 5Page - Vishay Siliconix 604D153F7R5JS2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
604D
www.vishay.com
Vishay Sprague
Revision: 20-Jul-16
3
Document Number: 42040
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
7.5 WVDC AT +85 °C, SURGE = 10 V
2200
604D222F7R5GJ2
19.05 x 41.28
0.175
0.130
1.40
3900
604D392F7R5GP2
19.05 x 66.68
0.093
0.070
2.40
5600
604D562F7R5GS2
19.05 x 79.38
0.070
0.053
3.00
3300
604D332F7R5HJ2
22.23 x 41.28
0.117
0.087
1.80
4700
604D472F7R5HL2
22.23 x 53.98
0.080
0.059
2.40
6200
604D622F7R5HP2
22.23 x 66.68
0.061
0.046
3.10
8200
604D822F7R5HS2
22.23 x 79.38
0.047
0.035
3.80
5600
604D562F7R5JJ2
25.04 x 41.28
0.073
0.055
2.40
6800
604D682F7R5JL2
25.04 x 53.98
0.057
0.043
3.30
12 000
604D123F7R5JP2
25.04 x 66.68
0.039
0.029
4.40
15 000
604D153F7R5JS2
25.04 x 79.38
0.032
0.024
5.30
18 000
604D183F7R5JT2
25.04 x 92.08
0.025
0.019
6.60
10 WVDC AT +85 °C, SURGE = 15 V
1800
604D182F010GJ2
19.05 x 41.28
0.195
0.144
1.30
2700
604D272F010GL2
19.05 x 53.98
0.144
0.107
1.70
3300
604D332F010GP2
19.05 x 66.68
0.110
0.082
2.20
4700
604D472F010GS2
19.05 x 79.38
0.081
0.060
2.80
2700
604D272F010HJ2
22.23 x 41.28
0.127
0.094
1.70
3900
604D392F010HL2
22.23 x 53.98
0.092
0.068
2.20
5600
604D562F010HP2
22.23 x 66.68
0.069
0.051
2.90
6800
604D682F010HS2
22.23 x 79.38
0.053
0.039
3.60
5600
604D562F010JL2
25.04 x 53.98
0.065
0.048
3.20
8200
604D822F010JP2
25.04 x 66.68
0.044
0.033
4.10
10 000
604D103F010JS2
25.04 x 79.38
0.034
0.025
5.00
15 000
604D153F010JT2
25.04 x 92.08
0.028
0.021
6.20
16 WVDC AT +85 °C, SURGE = 20 V
1500
604D152F016GJ2
19.05 x 41.28
0.207
0.149
1.20
2200
604D222F016GL2
19.05 x 53.98
0.153
0.110
1.60
3900
604D392F016GS2
19.05 x 79.38
0.085
0.061
2.60
2200
604D223F016HJ2
22.23 x 41.28
0.138
0.100
1.60
3300
604D332F016HL2
22.23 x 53.98
0.107
0.077
2.00
5600
604D562F016HS2
22.23 x 79.38
0.056
0.041
3.30
8200
604D822F016HT2
22.23 x 92.08
0.046
0.033
4.10
4700
604D472F016JL2
25.04 x 53.98
0.069
0.050
2.90
6800
604D682F016JP2
25.04 x 66.68
0.048
0.035
3.90
10 000
604D103F016JS2
25.04 x 79.38
0.036
0.026
4.70
20 WVDC AT +85 °C, SURGE = 25 V
1200
604D122F020GJ2
19.05 x 41.28
0.240
0.170
1.20
2200
604D222F020GP2
19.05 x 66.68
0.132
0.092
2.00
3300
604D332F020GS2
19.05 x 79.38
0.100
0.070
2.50
1800
604D182F020HJ2
22.23 x 41.28
0.160
0.110
1.50
2700
604D272F020HL2
22.23 x 53.98
0.120
0.084
1.90
3900
604D392F020HP2
22.23 x 66.68
0.085
0.060
2.60
5600
604D562F020HS2
22.23 x 79.38
0.064
0.045
3.80
4700
604D472F020JL2
25.04 x 53.98
0.078
0.055
2.70
6800
604D682F020JP2
25.04 x 66.68
0.055
0.039
3.50
8200
604D822F020JS2
25.04 x 79.38
0.042
0.030
4.50
10 000
604D103F020JT2
25.04 x 92.08
0.034
0.024
5.50
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
(mm)
MAX. ESR
AT 100 kHz / 25 °C
(
)
MAX. Z
AT 100 kHz / 25 °C
(
)
MAX. RIPPLE
CURRENT
AT 100 kHz / 85 °C
(A)



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com