| 전자부품 데이터시트 검색엔진 |
|
CD214C-R3800 데이터시트(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CD214C-R3800 데이터시트(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 4 page ![]() CD214C-R350~R31000 Glass Passivated Rectifiers Packaging Information The product will be dispensed in Tape and Reel format (see diagram below). ....... ....... ....... ....... ....... ....... ....... ....... P A F E T 120 D2 D D 1 W1 C Index Hole P 0 P 1 W B 10 pitches (min.) Direction of Feed 10 pitches (min.) End Trailer Device Leader Start d Devices are packed in accordance with EIA standard RS-481-A and specifications shown here. MM (INCHES) DIMENSIONS: Item Symbol SMC (DO-214AB) Carrier Width A 7.22 ±0.10 (0.284 ±0.004) Carrier Length B 8.11 ±0.10 (0.319 ±0.004) Carrier Depth C 2.36 ±0.10 (0.093 ±0.004) Sprocket Hole d 1.55 ±0.05 (0.061 ±0.002) Reel Outside Diameter D 330 (12.992) Reel Inner Diameter D1 50.0 (1.969) Min. Feed Hole Diameter D2 13.0 ±0.20 (0.512 ±0.008) Sprocket Hole Position E 1.75 ±0.10 (0.069 ±0.004) Punch Hole Position F 7.50 ±0.10 (0.295 ±0.004) Punch Hole Pitch P 4.00 ±0.10 (0.157 ±0.004) Sprocket Hole Pitch P0 4.00 ±0.10 (0.157 ±0.004) Embossment Center P1 2.00 ±0.10 (0.079 ±0.004) Overall Tape Thickness T 0.30 ±0.10 (0.012 ±0.004) Tape Width W 16.00 ±0.20 (0.630 ±0.008) Reel Width W1 22.4 (0.882) Max. Quantity per Reel — 3,000 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. |