| 전자부품 데이터시트 검색엔진 |
|
MPC8270CVVFX 데이터시트(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8270CVVFX 데이터시트(HTML) 45 Page - NXP Semiconductors |
|
45 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 Freescale Semiconductor 45 Pinout 8 Pinout This section provides the pin assignments and pinout lists for both HiP7 PowerQUICC II packages. 8.1 ZU and VV Packages—MPC8280 and MPC8270 The following figures and table represent the standard 480 TBGA package. For information on the alternate package, see Section 8.2, “VR and ZQ Packages—MPC8275 and MPC8270.” 2 As shown in Table 17, PCI_MODCK determines the PCI clock range. See Table 20 for higher range configurations. 3 MODCK_H = hard reset configuration word [28–31]. MODCK[1-3] = three hardware configuration pins. 4 CPM multiplication factor = CPM clock/PCI clock 5 CPU multiplication factor = Core PLL multiplication factor |