전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8270CVVIX 데이터시트(PDF) 29 Page - NXP Semiconductors

부품명 MPC8270CVVIX
상세설명  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8270CVVIX 데이터시트(HTML) 29 Page - NXP Semiconductors

Back Button MPC8270CVVIX Datasheet HTML 25Page - NXP Semiconductors MPC8270CVVIX Datasheet HTML 26Page - NXP Semiconductors MPC8270CVVIX Datasheet HTML 27Page - NXP Semiconductors MPC8270CVVIX Datasheet HTML 28Page - NXP Semiconductors MPC8270CVVIX Datasheet HTML 29Page - NXP Semiconductors MPC8270CVVIX Datasheet HTML 30Page - NXP Semiconductors MPC8270CVVIX Datasheet HTML 31Page - NXP Semiconductors MPC8270CVVIX Datasheet HTML 32Page - NXP Semiconductors MPC8270CVVIX Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
29
Clock Configuration Modes
0110_000
50.0
167.0
2
100.0
334.0
3.5
250.0
584.5
0110_001
50.0
167.0
2
100.0
334.0
4
250.0
668.0
0110_010
50.0
167.0
2
100.0
334.0
4.5
250.0
751.5
0110_011
Reserved
0110_100
60.0
160.0
2.5
150.0
400.0
2.5
150.0
400.0
0110_101
50.0
160.0
2.5
125.0
400.0
3
150.0
480.0
0110_110
42.9
160.0
2.5
107.1
400.0
3.5
150.0
560.0
0110_111
40.0
160.0
2.5
100.0
400.0
4
160.0
640.0
0111_000
40.0
160.0
2.5
100.0
400.0
4.5
180.0
720.0
0111_001
Reserved
0111_010
Reserved
0111_011
50.0
133.3
3
150.0
400.0
3
150.0
400.0
0111_100
42.9
133.3
3
128.6
400.0
3.5
150.0
466.7
0111_101
37.5
133.3
3
112.5
400.0
4
150.0
533.3
0111_110
33.3
133.3
3
100.0
400.0
4.5
150.0
600.0
0111_111
Reserved
1000_000
Reserved
1000_001
Reserved
1000_010
42.9
114.3
3.5
150.0
400.0
3.5
150.0
400.0
1000_011
37.5
114.3
3.5
131.3
400.0
4
150.0
457.1
1000_100
33.3
114.3
3.5
116.7
400.0
4.5
150.0
514.3
1000_101
30.0
114.3
3.5
105.0
400.0
5
150.0
571.4
1000_110
28.6
114.3
3.5
100.0
400.0
5.5
150.0
628.6
1100_000
Reserved
1100_001
Reserved
1100_010
Reserved
1101_000
Reserved
Table 18. Clock Configurations for Local Bus Mode1 (continued)
Mode2
Bus Clock3
(MHz)
CPM
Multiplication
Factor4
CPM Clock
(MHz)
CPU
Multiplication
Factor5
CPU Clock
(MHz)
MODCK_H-MODCK[1:3]
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83