| 전자부품 데이터시트 검색엔진 |
|
HCT652 데이터시트(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCT652 데이터시트(HTML) 4 Page - NXP Semiconductors |
|
4 / 10 page ![]() September 1993 4 Philips Semiconductors Product specification Octal bus transceiver/register; 3-state 74HC/HCT652 FUNCTION TABLE Notes 1. H = HIGH voltage level L = LOW voltage level X = don’t care ↑ = LOW-to-HIGH transition 2. The data output functions may be enabled or disabled by various signals at OEAB and OEBA inputs. Data input functions are always enabled, i.e., data at the bus inputs will be stored on every LOW-to-HIGH transition on the clock inputs. INPUTS (1) DATA I/O (2) OPERATION OR FUNCTION OEAB OEBA CPAB CPBA SAB SBA A1 THRU A8 B1 THRU B8 HC/HCT652 L H H or L H or L X X Input Input Isolation LH ↑↑ X X Store A and B data XH ↑ H or L X X Input Not specified Store A, Hold B HH ↑↑ L X Input Output Store A in both registers L X H or L ↑ X X Not specified Input Hold A, Store B LL ↑↑ X L Ouput Input Store B in both registers LL X X X L Ouput Input Real Time B Data to A Bus L L X H or L X H Stored B Data to A Bus HH X X L X Input Output Real Time A Data to B Bus H H H or L X H X Stored A Data to B Bus H L H or L H or L H H Output Output Stored A Data to B Bus and Stored B Data to A Bus Fig.4 Functional diagram. |