전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP2M111 데이터시트(PDF) 5 Page - IDEC Corporation

부품명 AP2M111
상세설명  Super Bright LEDs with built-in current-limiting resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDEC [IDEC Corporation]
홈페이지  https://us.idec.com/
Logo IDEC - IDEC Corporation

AP2M111 데이터시트(HTML) 5 Page - IDEC Corporation

  AP2M111 Datasheet HTML 1Page - IDEC Corporation AP2M111 Datasheet HTML 2Page - IDEC Corporation AP2M111 Datasheet HTML 3Page - IDEC Corporation AP2M111 Datasheet HTML 4Page - IDEC Corporation AP2M111 Datasheet HTML 5Page - IDEC Corporation AP2M111 Datasheet HTML 6Page - IDEC Corporation AP2M111 Datasheet HTML 7Page - IDEC Corporation AP2M111 Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
55
ø8 AP Series Miniature Pilot Lights
Dimensions
Panel Cut-out / Mounting Hole Layout
Terminal Arrangement (Bottom View)
Positive Terminal Negative Terminal
Projection
All dimensions in mm.
1.5
2.2
5.5
21.58
29.5
5.5
9.5
8.5
Panel Thickness 0.8 to 6
Gasket
Dome
Flat
Width 2.8, Thickness 0.4
Hole 2-ø1.2
Shape
Operating Voltage
Part No.
Ordering No.
Package Quantity
Lens Color Code
Dome
5V DC ±5%
AP8M255➁
AP8M255➁
1
Specify a lens color
code in place of ➁
in the Part No.
A:
amber
G: green
PW: pure white
R: red
S:
blue
Y:
yellow
AP8M255➁PN10
10
12V AC/DC ±10% AP8M211➁
AP8M211➁
1
AP8M211➁PN10
10
24V AC/DC ±10% AP8M222➁
AP8M222➁
1
AP8M222➁PN10
10
Flat
5V DC ±5%
AP8M155➁
AP8M155➁
1
AP8M155➁PN10
10
12V AC/DC ±10% AP8M111➁
AP8M111➁
1
AP8M111➁PN10
10
24V AC/DC ±10% AP8M122➁
AP8M122➁
1
AP8M122➁PN10
10
•The lens or LED cannot be removed or replaced.
•Degree of protection: IP40 (IEC 60529)
•Separate transformer (TWR512, TWR522, TWR542) can be used for 24V AC/DC pilot lights.
ø8.1+0.2
0
11
AP8M Series (ø8)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com