| 전자부품 데이터시트 검색엔진 |
|
MB90F474LPF 데이터시트(PDF) 56 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F474LPF 데이터시트(HTML) 56 Page - fujitsu semiconductor |
|
56 / 118 page ![]() MB90470 Series 56 9. I2C Interface The I2C interface is a serial I/O port supporting Inter IC bus operation, and operates as a master/slave device on the I2C bus. The following features are provided. • Master/slave sending and receiving • Arbitration functions • Clock synchronization functions • Slave address/general call address detection functions • Transfer direction detection function • Start condition repeat generator and detection function • Bus error detection function (1) Register List IBSR (bus status register) IBCR (bus control register) ICCR (clock control register) IADR (address register) IDAR (data register) Bit no. Address : 000088H Read/write Default value Bit no. Address : 000089H Read/write Default value Bit no. Address : 00008AH Read/write Default value Bit no. Address : 00008BH Read/write Default value Bit no. Address : 00008CH Read/write Default value ( R ) ( 0 ) ( R ) ( 0 ) ( R ) ( 0 ) ( R ) ( 0 ) ( R ) ( 0 ) ( R ) ( 0 ) ( R ) ( 0 ) 76 5 4 3 2 1 0 RSC ( R ) ( 0 ) BB AL LRB TRX AAS GCA FBT (R/W) ( 0 ) (R/W) ( 0 ) (R/W) ( 0) (R/W) ( 0 ) (R/W) ( 0 ) (R/W) ( 0 ) (R/W) ( 0 ) 15 14 13 12 11 10 9 8 BEIE (R/W) ( 0 ) BER SCC MSS ACK GCAA INTE INT ( ) ( ) (R/W) ( 0 ) (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) 76 5 4 3 2 1 0 ( ) ( ) EN CS4 CS3 CS2 CS1 CS0 (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) 15 14 13 12 11 10 9 8 A6 ( ) ( ) A5 A4 A3 A2 A1 A0 (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) (R/W) ( X ) 76 5 4 3 2 1 0 D6 (R/W) ( X ) D7 D5 D4 D3 D2 D1 D0 |