전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NG4UAS5DC12V 데이터시트(PDF) 2 Page - DB Lectro Inc

부품명 NG4UAS5DC12V
상세설명  Can be welded directly onto PCB.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DBLECTRO [DB Lectro Inc]
홈페이지  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NG4UAS5DC12V 데이터시트(HTML) 2 Page - DB Lectro Inc

  NG4UAS5DC12V Datasheet HTML 1Page - DB Lectro Inc NG4UAS5DC12V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
250M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 750V
50Hz 2000V
surge voltage 4kV
Item 6
of IEC255-5
Item 6 and item 8 of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz
double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-25~70
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
8.6g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL
T
üV
Load
10A/125VAC
5A/250VAC
5A/250VAC;28VDC
Dimensions (Unit: mm)
1X0.16
12.5
15
5
4-1X0.4
3.75
22.5
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NG4U
Dimensions
Wiring diagram
(Bottom views)
mm
>àçÇá
0.16
0.006
0.3
0.012
0.4
0.016
1.0
0.039
1.3
0.051
3.5
0.138
3.75
0.148
5.0
0.197
7.5
0.295
10
0.394
12.5
0.492
15
0.591
19
0.748
22.5
0.886
1A
1C
Mounting (Bottom views)
www.dblectro.com



Html Pages

1 2