| 전자부품 데이터시트 검색엔진 |
|
HLMP-CB27-R0A00 데이터시트(PDF) 8 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HLMP-CB27-R0A00 데이터시트(HTML) 8 Page - Agilent(Hewlett-Packard) |
|
8 / 9 page ![]() Intensity Bin Limit Table Intensity (mcd) at 20 mA Bin Min Max N 680 880 P 880 1150 Q 1150 1500 R 1500 1900 S 1900 2500 T 2500 3200 U 3200 4200 V 4200 5500 W 5500 7200 X 7200 9300 Y 9300 12000 Z 12000 16000 1 16000 21000 Tolerance for each bin limit is ±15%. Blue Color Bin Table Bin Min Dom Max Dom Xmin Ymin Xmax Ymax 1 460.0 464.0 0.1440 0.0297 0.1766 0.0966 0.1818 0.0904 0.1374 0.0374 2 464.0 468.0 0.1374 0.0374 0.1699 0.1062 0.1766 0.0966 0.1291 0.0495 3 468.0 472.0 0.1291 0.0495 0.1616 0.1209 0.1699 0.1062 0.1187 0.0671 4 472.0 476.0 0.1187 0.0671 0.1517 0.1423 0.1616 0.1209 0.1063 0.0945 5 476.0 480.0 0.1063 0.0945 0.1397 0.1728 0.1517 0.1423 0.0913 0.1327 Tolerance for each bin limit is ±0.5 nm. Cyan Color Bin Table Bin Min Dom Max Dom Xmin Ymin Xmax Ymax 1 490.0 495.0 0.0454 0.2945 0.1164 0.3889 0.1318 0.306 0.0235 0.4127 2 495.0 500.0 0.0345 0.4127 0.1057 0.4769 0.1164 0.3889 0.0082 0.5384 3 500.0 505.0 0.0082 0.5384 0.1027 0.5584 0.1057 0.4769 0.0039 0.6548 4 505.0 510.0 0.0039 0.6548 0.1097 0.6251 0.1027 0.5584 0.0139 0.7502 7 498.0 503.0 0.0132 0.4882 0.1028 0.5273 0.1092 0.4417 0.0040 0.6104 8 503.0 508.0 0.0040 0.6104 0.1056 0.6007 0.1028 0.5273 0.0080 0.7153 Tolerance for each bin limit is ±0.5 nm. Green Color Bin Table Bin Min Dom Max Dom Xmin Ymin Xmax Ymax 1 520.0 524.0 0.0743 0.8338 0.1856 0.6556 0.1650 0.6586 0.1060 0.8292 2 524.0 528.0 0.1060 0.8292 0.2068 0.6463 0.1856 0.6556 0.1387 0.8148 3 528.0 532.0 0.1387 0.8148 0.2273 0.6344 0.2068 0.6463 0.1702 0.7965 4 532.0 536.0 0.1702 0.7965 0.2469 0.6213 0.2273 0.6344 0.2003 0.7764 5 536.0 540.0 0.2003 0.7764 0.2659 0.6070 0.2469 0.6213 0.2296 0.7543 Tolerance for each bin limit is ±0.5 nm. 8 |