| 전자부품 데이터시트 검색엔진 |
|
M58WR032EB 데이터시트(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58WR032EB 데이터시트(HTML) 73 Page - STMicroelectronics |
|
73 / 81 page ![]() 73/81 M58WR032ET, M58WR032EB Enhanced Factory Program Pseudo Code efp_command(addressFlow,dataFlow,n) /* n is the number of data to be programmed */ { /* setup phase */ writeToFlash(addressFlow[0],0x30); writeToFlash(addressFlow[0],0xD0); status_register=readFlash(any_address); if (status_register.b7==1){ /*EFP aborted for an error*/ if (status_register.b4==1) /*program error*/ error_handler(); if (status_register.b3==1) /*VPP invalid error*/ error_handler(); if (status_register.b1==1) /*program to protect block error*/ error_handler(); } else{ /*Program Phase*/ do{ status_register=readFlash(any_address); /* E or G must be toggled*/ } while (status_register.b0==1) /*Ready for first data*/ for (i=0; i++; i< n){ writeToFlash(addressFlow[i],dataFlow[i]); /* status register polling*/ do{ status_register=readFlash(any_address); /* E or G must be toggled*/ } while (status_register.b0==1); /* Ready for a new data */ } writeToFlash(another_block_address,FFFFh); /* Verify Phase */ for (i=0; i++; i< n){ writeToFlash(addressFlow[i],dataFlow[i]); /* status register polling*/ do{ status_register=readFlash(any_address); /* E or G must be toggled*/ } while (status_register.b0==1); /* Ready for a new data */ } writeToFlash(another_block_address,FFFFh); /* exit program phase */ /* Exit Phase */ /* status register polling */ do{ status_register=readFlash(any_address); /* E or G must be toggled */ } while (status_register.b7==0); if (status_register.b4==1) /*program failure error*/ error_handler(); if (status_register.b3==1) /*VPP invalid error*/ error_handler(); if (status_register.b1==1) /*program to protect block error*/ error_handler(); } } |