| 전자부품 데이터시트 검색엔진 |
|
NT90RHASAC110VCF0.6 데이터시트(PDF) 1 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
NT90RHASAC110VCF0.6 데이터시트(HTML) 1 Page - DB Lectro Inc |
|
1 / 3 page ![]() NT90 (T90) Features Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life. Suitable for automobile, machine, electronic equipment, air conditioner and household appliance applications. PC board mounting. Ordering Information NT90 R H A S DC12V C B 0.9 1 2 3 4 5 6 7 8 9 1 Part number:NT90T、NT90T 2 2 Terminal: R: without Pin 6;NIL: With Pin 6 3 Load:H:30A;N:40A 4 Contact arrangement:1A:1A;1B:1B;1C:1C 5 Enclosure:S: Sealed type;D: Dust cover; E: Covered;O: Open type 6 Coil rated Voltage(V):AC:12,24,110,120,220 DC:3,5,6,9,12,15,18,24,48,110 7 Contact material:C: Ag CdO;S: Ag SnO 2 8 Resist heat class:B:130℃ F:155℃ 9 Coil power consumption:0.6:0.6W;0.9:0.9W NIL:2VA Contact Data Contact Arrangement 1A SPSTNO f1B(SPSTNC)f1C(SPDT(B-M)) Contact Material Ag CdO Ag SnO 2 Ag SnO 2 In2O3 Contact Rating (resistive) NO : 30A/240VAC,14VDC; NC:20A/240VAC ;30A/14VDC NO:40A/250VAC,30VDC; NC:30A/250VAC,30VDC (0.9W) Motor load:2HP 250VAC ;1.5HP 250V Lamp load:TV-5 Max. Switching Power 1100W 7200VA Max. Switching Voltage 110VDC 250VAC Max. Switching Current:40A Contact Resistance or Voltage drop 30m Item 3.12 of IEC255-7 Electrical 10 5 Item 3.30 of IEC255-7 Operation life Mechanical 10 7 Item 3.31 of IEC255-7 Coil Parameter AC Coil Parameter RATED VOLTAGE VAC DASH NUMBERS RATED Max COIL RESISTANCE ±10% PICK UP VOLTAGE VAC(max) (75%of rated voltage) RELEASE VOLTAGE VAC(min) (30%of rated voltage) COIL POWER Operate Time ms Release Time ms 012AC 12 15.6 27 9.0 3.6 024AC 24 31.2 120 18.0 7.2 110AC 110 143 2360 82.5 33.0 120AC 120 156 3040 90.0 36.0 220AC 220 286 13490 165.0 66.0 2VA _ _ CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. 103 30.5 ×24.2×17 32.5 ×27.6×20.5 E160644 R2033977.05 Patent No. 95213824.7 99218304.9 99312549.2 01311661.4 CH0050401—2000 E9930952E01 www.dblectro.com |
유사한 부품 번호 - NT90RHASAC110VCF0.6 |
|
유사한 설명 - NT90RHASAC110VCF0.6 |