전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F103V8 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 STM32F103V8
상세설명  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103V8 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button STM32F103V8 Datasheet HTML 28Page - STMicroelectronics STM32F103V8 Datasheet HTML 29Page - STMicroelectronics STM32F103V8 Datasheet HTML 30Page - STMicroelectronics STM32F103V8 Datasheet HTML 31Page - STMicroelectronics STM32F103V8 Datasheet HTML 32Page - STMicroelectronics STM32F103V8 Datasheet HTML 33Page - STMicroelectronics STM32F103V8 Datasheet HTML 34Page - STMicroelectronics STM32F103V8 Datasheet HTML 35Page - STMicroelectronics STM32F103V8 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
Pinouts and pin description
STM32F103x8, STM32F103xB
32/116
DS5319 Rev 18
A9 A10 37
A7
49
76 28
PA14
I/O FT JTCK/SWCLK
-
PA14
A8
A9
38
A6
50
77 29
PA15
I/O FT
JTDI
-
TIM2_CH1_
ETR/ PA15
/SPI1_NSS
B9 B11
-
B7
51
78
PC10
I/O FT
PC10
-
USART3_TX
B8 C10
-
B6
52
79
PC11
I/O FT
PC11
-
USART3_RX
C8 B10
-
C5
53
80
PC12
I/O FT
PC12
-
USART3_CK
D8 C9
-
C1
-
81
2
PD0
I/O FT
PD0
-
CANRX
E8
B9
-
D1
-
82
3
PD1
I/O FT
PD1
-
CANTX
B7 C8
B5
54
83
-
PD2
I/O FT
PD2
TIM3_ETR
-
C7 B8
-
-
-
84
-
PD3
I/O FT
PD3
-
USART2_CTS
D7 B7
-
-
-
85
-
PD4
I/O FT
PD4
-
USART2_RTS
B6
A6
-
-
-
86
-
PD5
I/O FT
PD5
-
USART2_TX
C6 B6
-
-
-
87
-
PD6
I/O FT
PD6
-
USART2_RX
D6 A5
-
-
-
88
-
PD7
I/O FT
PD7
-
USART2_CK
A7
A8
39
A5
55
89 30
PB3
I/O FT
JTDO
-
TIM2_CH2 /
PB3
TRACESWO
SPI1_SCK
A6
A7
40
A4
56
90 31
PB4
I/O FT
JNTRST
-
TIM3_CH1/
PB4/
SPI1_MISO
C5 C5
41
C4
57
91 32
PB5
I/O
PB5
I2C1_SMBAl
TIM3_CH2 /
SPI1_MOSI
B5
B5
42
D3
58
92 33
PB6
I/O FT
PB6
I2C1_SCL(9)/
TIM4_CH1(9)
USART1_TX
A5
B4
43
C3
59
93 34
PB7
I/O FT
PB7
I2C1_SDA(9)/
TIM4_CH2(9)
USART1_RX
D5 A4
44
B4
60
94 35
BOOT0
I
BOOT0
-
-
Table 5. Medium-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More