| 전자부품 데이터시트 검색엔진 |
|
STM32F103C8T6XXX 데이터시트(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C8T6XXX 데이터시트(HTML) 80 Page - STMicroelectronics |
|
80 / 116 page ![]() Package information STM32F103x8, STM32F103xB 80/116 DS5319 Rev 18 Table 51. VFQFPN36 mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to four decimal digits. Min Typ Max Min Typ Max A 0.800 0.900 1.000 0.0315 0.0354 0.0394 A1 - 0.020 0.050 - 0.0008 0.0020 A2 - 0.650 1.000 - 0.0256 0.0394 A3 - 0.250 - - 0.0098 - b 0.180 0.230 0.300 0.0071 0.0091 0.0118 D 5.875 6.000 6.125 0.2313 0.2362 0.2411 D2 1.750 3.700 4.250 0.0689 0.1457 0.1673 E 5.875 6.000 6.125 0.2313 0.2362 0.2411 E2 1.750 3.700 4.250 0.0689 0.1457 0.1673 e 0.450 0.500 0.550 0.0177 0.0197 0.0217 L 0.350 0.550 0.750 0.0138 0.0217 0.0295 K 0.250 - - 0.0098 - - ddd - - 0.080 - - 0.0031 |