| 전자부품 데이터시트 검색엔진 |
|
STM32F103C8U6TR 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C8U6TR 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 116 page ![]() Pinouts and pin description STM32F103x8, STM32F103xB 30/116 DS5319 Rev 18 G5 L6 20 G6 28 37 17 PB2 I/O FT PB2/BOOT1 - - H5 M7 - - - 38 - PE7 I/O FT PE7 - TIM1_ETR J5 L7 - - - 39 - PE8 I/O FT PE8 - TIM1_CH1N K5 M8 - - - 40 - PE9 I/O FT PE9 - TIM1_CH1 G6 L8 - - - 41 - PE10 I/O FT PE10 - TIM1_CH2N H6 M9 - - - 42 - PE11 I/O FT PE11 - TIM1_CH2 J6 L9 - - - 43 - PE12 I/O FT PE12 - TIM1_CH3N K6 M10 - - - 44 - PE13 I/O FT PE13 - TIM1_CH3 G7 M11 - - - 45 - PE14 I/O FT PE14 - TIM1_CH4 H7 M12 - - - 46 - PE15 I/O FT PE15 - TIM1_BKIN J7 L10 21 G7 29 47 - PB10 I/O FT PB10 I2C2_SCL/ USART3_TX(9) TIM2_CH3 K7 L11 22 H7 30 48 - PB11 I/O FT PB11 I2C2_SDA/ USART3_RX(9) TIM2_CH4 E7 F12 23 D6 31 49 18 VSS_1 S- VSS_1 -- F7 G12 24 E6 32 50 19 VDD_1 S- VDD_1 -- K8 L12 25 H8 33 51 - PB12 I/O FT PB12 SPI2_NSS/ I2C2_SMBAl/ USART3_CK(9)/ TIM1_BKIN(9) - J8 K12 26 G8 34 52 - PB13 I/O FT PB13 SPI2_SCK/ USART3_CTS(9)/ TIM1_CH1N (9) - H8 K11 27 F8 35 53 - PB14 I/O FT PB14 SPI2_MISO/ USART3_RTS(9) TIM1_CH2N (9) - G8 K10 28 F7 36 54 - PB15 I/O FT PB15 SPI2_MOSI/ TIM1_CH3N(9) - K9 K9 - - - 55 - PD8 I/O FT PD8 - USART3_TX J9 K8 - - - 56 - PD9 I/O FT PD9 - USART3_RX Table 5. Medium-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |