| 전자부품 데이터시트 검색엔진 |
|
STM32F103C8I7TR 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C8I7TR 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 116 page ![]() DS5319 Rev 18 29/116 STM32F103x8, STM32F103xB Pinouts and pin description 115 G2 L2 10 G2 14 23 7 PA0-WKUP I/O - PA0 WKUP/ USART2_CTS(9)/ ADC12_IN0/ TIM2_CH1_ ETR(9) - H2 M2 11 H2 15 24 8 PA1 I/O - PA1 USART2_RTS(9)/ ADC12_IN1/ TIM2_CH2(9) - J2 K3 12 F3 16 25 9 PA2 I/O - PA2 USART2_TX(9)/ ADC12_IN2/ TIM2_CH3(9) - K2 L3 13 G3 17 26 10 PA3 I/O - PA3 USART2_RX(9)/ ADC12_IN3/ TIM2_CH4(9) - E4 E3 - C2 18 27 - VSS_4 S- VSS_4 -- F4 H3 - D2 19 28 - VDD_4 S- VDD_4 -- G3 M3 14 H3 20 29 11 PA4 I/O - PA4 SPI1_NSS(9)/ USART2_CK(9)/ ADC12_IN4 - H3 K4 15 F4 21 30 12 PA5 I/O - PA5 SPI1_SCK(9)/ ADC12_IN5 - J3 L4 16 G4 22 31 13 PA6 I/O - PA6 SPI1_MISO(9)/ ADC12_IN6/ TIM3_CH1(9) TIM1_BKIN K3 M4 17 H4 23 32 14 PA7 I/O - PA7 SPI1_MOSI(9)/ ADC12_IN7/ TIM3_CH2(9) TIM1_CH1N G4 K5 - H5 24 33 PC4 I/O - PC4 ADC12_IN14 - H4 L5 - H6 25 34 PC5 I/O - PC5 ADC12_IN15 - J4 M5 18 F5 26 35 15 PB0 I/O - PB0 ADC12_IN8/ TIM3_CH3(9) TIM1_CH2N K4 M6 19 G5 27 36 16 PB1 I/O - PB1 ADC12_IN9/ TIM3_CH4(9) TIM1_CH3N Table 5. Medium-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |