| 전자부품 데이터시트 검색엔진 |
|
FD-R41 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FD-R41 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 28 page ![]() 147 DigitalFiberSensorFX-300SERIES Selection Guide Fibers Fiber Amplifiers FX-500 FX-100 FX-300 FX-410 FX-311 FX-301-F7/ FX-301-F FIBER SENSORS LASER SENSORS PHOTO- ELECTRIC SENSORS MICRO PHOTO- ELECTRIC SENSORS AREA SENSORS LIGHT CURTAINS / SAFETY COMPONENTS PRESSURE / FLOW SENSORS INDUCTIVE PROXIMITY SENSORS PARTICULAR USE SENSORS SENSOR OPTIONS SIMPLE WIRE-SAVING UNITS WIRE-SAVING SYSTEMS MEASURE- MENT SENSORS STATIC ELECTRICITY PREVENTION DEVICES LASER MARKERS PLC HUMAN MACHINE INTERFACES ENERGY CONSUMPTION VISUALIZATION COMPONENTS FA COMPONENTS MACHINE VISION SYSTEMS UV CURING SYSTEMS LIST OF FIBERS Reflective type FX-301 / FX-305 (Red LED type) sensing range (Note 1) The FX-305 and FX-301(-HS) have different sensing modes. FX-305: H-SP, FAST, STD, STDF, LONG, U-LG (no S-D mode) FX-301(-HS): S-D, H-SP (Note 1), FAST, STD, LONG (no STDF or U-LG mode) Model No. Sensing range (mm in) (Note 2, 3) / Description Dimensions Red LED U-LG LONG STDF STD FAST H-SP S-D FD-30 170 6.693 110 4.331 70 2.756 50 1.969 40 1.575 20 0.787 18 0.709 P.59 FD-31 150 5.906 95 3.740 63 2.480 45 1.772 35 1.378 17 0.669 16 0.630 P.59 FD-31W 60 2.362 40 1.575 30 1.181 20 0.787 15 0.591 8 0.315 10 0.394 P.59 FD-32G 210 8.268 120 4.724 100 3.937 60 2.362 42 1.654 20 0.787 20 0.787 P.59 FD-32GX 240 9.449 140 5.512 100 3.937 70 2.756 50 1.969 25 0.984 25 0.984 P.59 FD-40 170 6.693 110 4.331 70 2.756 50 1.969 40 1.575 20 0.787 18 0.709 P.59 FD-41 150 5.906 95 3.740 63 2.480 45 1.772 35 1.378 17 0.669 16 0.630 P.59 FD-41S 150 5.906 95 3.740 63 2.480 45 1.772 35 1.378 17 0.669 16 0.630 P.59 FD-41SW 60 2.362 40 1.575 30 1.181 20 0.787 15 0.591 8 0.315 10 0.394 P.59 FD-41W 300 11.811 220 8.661 140 5.512 95 3.740 70 2.756 35 1.378 40 1.575 P.59 FD-42G 210 8.268 120 4.724 100 3.937 60 2.362 42 1.654 20 0.787 20 0.787 P.60 FD-42GW 160 6.299 85 3.346 70 2.756 35 1.378 25 0.984 13 0.512 14 0.551 P.60 FD-60 500 19.685 350 13.780 240 9.449 160 6.299 130 5.118 70 2.756 70 2.756 P.60 FD-61 440 17.323 320 12.598 205 8.071 145 5.709 105 4.134 65 2.559 60 2.362 P.60 FD-61G 460 18.110 200 7.874 210 8.268 90 3.543 65 2.559 35 1.378 40 1.575 P.60 FD-61S 440 17.323 320 12.598 205 8.071 145 5.709 105 4.134 60 2.362 60 2.362 P.60 Notes: 1) Please contact our office about the sensing ranges for FX-301-HS in H-SP mode. 2) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut. 3) The sensing range is specified for white non-glossy paper. Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber. Sensing range when using in combination with FR-Z50HW reflector (Optional) Note: The sensing range is the possible setting range for the reflector. The fiber can detect an object less than setting range for the reflector. However, note that if there are any white or highly-reflective surfaces near the fiber head, reflected incident light may affect the fiber head. If this occurs, adjust the threshold value of the amplifier unit before use. The sensing ranges are the value for red LED types. Reflector Model No. Sensing range (mm in) FX-301 / 305 FX-301-HS U-LG LONG STDF STD FAST S-D H-SP H-SP RF-230 100 to 7,500 3.937 to 295.276 100 to 3,200 3.937 to 125.984 100 to 2,900 3.937 to 114.173 100 to 2,000 3.937 to 78.740 100 to 1,600 3.937 to 62.992 100 to 1,000 3.937 to 39.370 100 to 900 3.937 to 35.433 100 to 700 3.937 to 27.559 RF-220 100 to 2,400 3.937 to 94.488 100 to 2,400 3.937 to 94.488 100 to 1,900 3.937 to 74.803 100 to 1,300 3.937 to 51.181 100 to 1,000 3.937 to 39.370 100 to 600 3.937 to 23.622 100 to 570 3.937 to 22.441 100 to 350 3.937 to 13.780 RF-210 100 to 2,100 3.937 to 82.677 100 to 1,700 3.937 to 66.929 100 to 1,300 3.937 to 51.181 100 to 910 3.937 to 35.827 100 to 710 3.937 to 27.953 100 to 460 3.937 to 18.110 100 to 440 3.937 to 17.323 – FX-301 / FX-305 (Red LED type) sensing range (Note 1) Retroreflective type The FX-305 and FX-301(-HS) have different sensing modes. FX-305: H-SP, FAST, STD, STDF, LONG, U-LG (no S-D mode) FX-301(-HS): S-D, H-SP (Note 1), FAST, STD, LONG (no STDF or U-LG mode) Model No. Sensing range (mm in) (Note 2, 3) Dimensions Red LED U-LG LONG STDF STD FAST H-SP S-D FR-KZ22E 15 to 3700.591 to 14.567 15 to 3300.591 to 12.992 15 to 240 0.591 to 9.449 15 to 210 0.591 to 8.268 15 to 170 0.590 to 6.693 15 to 80 0.591 to 3.150 15 to 90 0.591 to 3.543 P.58 FR-KZ50E 20 to 3500.787 to 13.780 20 to 3000.787 to 11.811 20 to 250 0.787 to 9.843 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 P.58 FR-KZ50H 20 to 3500.787 to 13.780 20 to 3000.787 to 11.811 20 to 250 0.787 to 9.843 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 P.58 FR-Z50HW 100 to 9203.937 to 36.220 100 to 8103.937 to 31.890 100 to 6603.937 to 25.984 100 to 5803.937 to 22.835 100 to 4903.937 to 19.291 100 to 3403.937 to 13.385 100 to 2703.937 to 10.630 P.58 Notes: 1) Please contact our office about the sensing ranges for FX-301-HS in H-SP mode. 2) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut. The sensing range of FR-KZ22E is specified for the attached reflector. The sensing range of FR-KZ50E and FR-KZ50H is specified for the attached reflector RF-003. The sensing range of FR-Z50HW is specified for the RF-13. 3) The sensing range is the possible setting range for the attached reflector. The fiber can detect an object less than setting range for the reflector. However, note that if there are any white or highly-reflective surfaces near the fiber head, reflected incident light may affect the fiber head. If this occurs, adjust the threshold value of the amplifier unit before use. Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber. |