| 전자부품 데이터시트 검색엔진 |
|
L7805CD2T-TR 데이터시트(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7805CD2T-TR 데이터시트(HTML) 39 Page - STMicroelectronics |
|
39 / 47 page ![]() L7800 series Package mechanical data 39/47 DIM. mm. inch MIN. TYP MAX. MIN. TYP. MAX. A 4.30 4.70 0.169 0.185 b 0.70 0.90 0.028 0.035 b1 1.42 1.62 0.056 0.064 c 0.45 0.60 0.018 0.024 D 15.70 0.618 E 9.80 10.20 0.386 0.402 e 2.54 0.100 e1 5.08 0.200 F 1.25 1.39 0.049 0.055 H1 6.5 0.256 J1 2.20 2.60 0.087 0.202 L 12.88 13.28 0.507 0.523 L1 3 0.118 L20 15.70 16.1 0.618 0.634 L30 28.9 1.138 φP 3.50 3.70 0.138 0.146 Q 2.70 2.90 0.106 0.114 TO-220 (C TYPE) MECHANICAL DATA 0015988/N |