전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FT231X 데이터시트(PDF) 21 Page - Future Technology Devices International Ltd.

부품명 FT231X
상세설명  Future Technology Devices International Ltd. FT231X (USB to FULL HANDSHAKE UART IC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FTDI [Future Technology Devices International Ltd.]
홈페이지  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT231X 데이터시트(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT231X Datasheet HTML 17Page - Future Technology Devices International Ltd. FT231X Datasheet HTML 18Page - Future Technology Devices International Ltd. FT231X Datasheet HTML 19Page - Future Technology Devices International Ltd. FT231X Datasheet HTML 20Page - Future Technology Devices International Ltd. FT231X Datasheet HTML 21Page - Future Technology Devices International Ltd. FT231X Datasheet HTML 22Page - Future Technology Devices International Ltd. FT231X Datasheet HTML 23Page - Future Technology Devices International Ltd. FT231X Datasheet HTML 24Page - Future Technology Devices International Ltd. FT231X Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
21
FT231X USB TO FULL HANDSHAKE UART IC
Datasheet
Version 1.2
Document No.: FT_000565 Clearance No.:
FTDI# 261
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
VCC-0.2
V
Vol
Output Voltage Low
0.2
V
Vil
Input low Switching
Threshold
-
0.8
V
Vih
Input High Switching
Threshold
2.0
-
V
Table 5.7 USB I/O Pin (USBDP, USBDM) Characteristics
5.4 MTP Memory Reliability Characteristics
The internal 2048 Byte MTP memory has the following reliability characteristics:
Parameter
Value
Unit
Data Retention
10
Years
Write Cycle
2,000
Cycles
Read Cycle
Unlimited
Cycles
Table 5.8 MTP Memory Characteristics
5.5 Internal Clock Characteristics
The internal Clock Oscillator has the following characteristics:
Parameter
Value
Unit
Minimum
Typical
Maximum
Frequency of Operation
(see Note 1)
11.98
12.00
12.02
MHz
Clock Period
83.19
83.33
83.47
ns
Duty Cycle
45
50
55
%
Table 5.9 Internal Clock Characteristics
Note 1: Equivalent to +/-1667ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com