전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72334J2B3 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 ST72334J2B3
상세설명  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J2B3 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button ST72334J2B3 Datasheet HTML 24Page - STMicroelectronics ST72334J2B3 Datasheet HTML 25Page - STMicroelectronics ST72334J2B3 Datasheet HTML 26Page - STMicroelectronics ST72334J2B3 Datasheet HTML 27Page - STMicroelectronics ST72334J2B3 Datasheet HTML 28Page - STMicroelectronics ST72334J2B3 Datasheet HTML 29Page - STMicroelectronics ST72334J2B3 Datasheet HTML 30Page - STMicroelectronics ST72334J2B3 Datasheet HTML 31Page - STMicroelectronics ST72334J2B3 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
28/125
RESET SEQUENCE MANAGER (Cont’d)
Internal Low Voltage Detection RESET
Two different RESET sequences caused by the in-
ternal LVD circuitry can be distinguished:
s
Power-On RESET
s
Voltage Drop RESET
The device RESET pin acts as an output that is
pulled low when VDD<VLVDr (rising edge) or
VDD<VLVDf (falling edge) as shown in Figure 9.
Figure 17. LVD RESET Sequences
RESET
RUN
INTERNAL RESET
4096 CLOCK CYCLES
FETCH
VECTOR
RESET PIN
EXTERNAL RESET SOURCE
WATCHDOG RESET
DELAY
RESET
RUN
INTERNAL RESET
4096 CLOCK CYCLES
FETCH
VECTOR
RUN
RESET PIN
EXTERNAL RESET SOURCE
VDD
VDDnominal
WATCHDOG RESET
DELAY
VLVDr
VLVDf
VDD
VDDnominal
VLVDr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More